Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SN74LVC1G02MDCKREP Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC1G02MDCKREP
Description  SINGLE 2-INPUT POSITIVE-NOR GATE
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC1G02MDCKREP Datasheet(HTML) 2 Page - Texas Instruments

  SN74LVC1G02MDCKREP Datasheet HTML 1Page - Texas Instruments SN74LVC1G02MDCKREP Datasheet HTML 2Page - Texas Instruments SN74LVC1G02MDCKREP Datasheet HTML 3Page - Texas Instruments SN74LVC1G02MDCKREP Datasheet HTML 4Page - Texas Instruments SN74LVC1G02MDCKREP Datasheet HTML 5Page - Texas Instruments SN74LVC1G02MDCKREP Datasheet HTML 6Page - Texas Instruments SN74LVC1G02MDCKREP Datasheet HTML 7Page - Texas Instruments SN74LVC1G02MDCKREP Datasheet HTML 8Page - Texas Instruments SN74LVC1G02MDCKREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
www.ti.com
A
B
Y
1
2
4
SN74LVC1G02-EP
SINGLE 2-INPUT POSITIVE-NOR GATE
SGLS370 – AUGUST 2006
ORDERING INFORMATION
TOP-SIDE
TA
PACKAGE(1)
ORDERABLE PART NUMBER
MARKING(2)
NanoStar™ – WCSP (DSBGA)
SN74LVC1G02NYEAREP(3)
0,17-mm Small Bump – YEA
NanoFree™ – WCSP (DSBGA)
SN74LVC1G02NYZAREP(3)
0,17-mm Small Bump – YZA (Pb-free)
Reel of 3000
_ _ _CB_
NanoStar™ – WCSP (DSBGA)
SN74LVC1G02MYEPREP(3)
0,23-mm Large Bump – YEP
–55
°C to 125°C
NanoFree™ – WCSP (DSBGA)
SN74LVC1G02MYZPREP(3)
0,23-mm Large Bump – YZP (Pb-free)
SOT (SOT-23) – DBV
Reel of 3000
SN74LVC1G02MDBVREP(3)
C02_
SOT (SC-70) – DCK
Reel of 3000
SN74LVC1G02MDCKREP
BUF
SOT (SOT-553) – DRL
Reel of 4000
SN74LVC1G02MDRLREP(3)
CB_
(1)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
(2)
DBV/DCK/DRL: The actual top-side marking has one additional character that designates the assembly/test site.
YEA/YZA,YEP/YZP: The actual top-side marking has three preceding characters to denote year, month, and sequence code, and one
following character to designate the assembly/test site. Pin 1 identifier indicates solder-bump composition(1 = SnPb,
• = Pb-free).
(3)
Product Preview
FUNCTION TABLE
INPUTS
OUTPUT
Y
A
B
H
X
L
X
H
L
L
L
H
LOGIC DIAGRAM (POSITIVE LOGIC)
2
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com