Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AFCT-711XPDZ Datasheet(PDF) 3 Page - AVAGO TECHNOLOGIES LIMITED

Part # AFCT-711XPDZ
Description  Multi-rate 1310 nm XFP 10 Gbit/s Optical Transceiver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AFCT-711XPDZ Datasheet(HTML) 3 Page - AVAGO TECHNOLOGIES LIMITED

  AFCT-711XPDZ Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED AFCT-711XPDZ Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED AFCT-711XPDZ Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED AFCT-711XPDZ Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED AFCT-711XPDZ Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED AFCT-711XPDZ Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AFCT-711XPDZ Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED AFCT-711XPDZ Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED AFCT-711XPDZ Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
3
Figure 2. MSA Recommended Power Supply Filter
XFP Module
Host Board
Optional
Host +5 V
4.7 µH
V
CC 5
0.1 µF
22 µF
0.1 µF
Host +3.3 V
4.7 µH
V
CC 3
0.1 µF
22 µF
0.1 µF
Optional
Host +1.8 V
4.7 µH
V
CC 2
0.1 µF
22 µF
0.1 µF
Optional Host -5.2 V
4.7 µH
V
EE 5
0.1 µF
22 µF
0.1 µF
GND
Receiver Section
The receiver section includes a PIN detector with amplifi-
cation, quantization and signal conditioner circuits. (See
Figure 1) Optical connection to the receiver is provided
via a LC optical connector.
RX_LOS
The receiver section contains a loss of signal (RX_LOS)
circuit to indicate when the optical input signal power
is insufficient for reliable signal detection. A high signal
indicates loss of modulated signal, indicating link failure
such as a broken fiber or nonfunctional remote transmit-
ter. RX_LOS can also be monitored via the two-wire serial
interface (byte 110, bit 1).
Functional Data I/O
Avago Technologies’AFCT-711XPDZ fiber-optic transceiv-
er is designed to accept industry standard electrical input
differential signals. The transceiver provides AC-coupled,
internally terminated data input and output interfaces.
Bias resistors and coupling capacitors have been included
within the module to reduce the number of components
required on the customer’s board.
Electrical Pinout
Figure 3. Host PCB XFP Pinout Top View
GND
RD-
RD+
GND
VCC2
P_DOWN/RST
VCC2
GND
REFCLK+
REFCLK-
GND
GND
TD-
TD+
GND
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
GND
RX_LOS
MOD_NR
MOD_ABS
SDA
SCL
VCC3
VCC3
GND
VCC5
TX_DIS
INTERRUPT
MOD_DESEL
VEE5
GND
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
TOWARD
ASIC
TOWARD
BEZEL
Top surface of edge
connector on module
Bottom surface of edge
connector on module



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com