Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SST48CF192 Datasheet(PDF) 53 Page - Silicon Storage Technology, Inc

Part # SST48CF192
Description  CompactFlash Card
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST48CF192 Datasheet(HTML) 53 Page - Silicon Storage Technology, Inc

Back Button SST48CF192 Datasheet HTML 49Page - Silicon Storage Technology, Inc SST48CF192 Datasheet HTML 50Page - Silicon Storage Technology, Inc SST48CF192 Datasheet HTML 51Page - Silicon Storage Technology, Inc SST48CF192 Datasheet HTML 52Page - Silicon Storage Technology, Inc SST48CF192 Datasheet HTML 53Page - Silicon Storage Technology, Inc SST48CF192 Datasheet HTML 54Page - Silicon Storage Technology, Inc SST48CF192 Datasheet HTML 55Page - Silicon Storage Technology, Inc SST48CF192 Datasheet HTML 56Page - Silicon Storage Technology, Inc SST48CF192 Datasheet HTML 57Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 60 page
background image
Data Sheet
CompactFlash Card
SST48CF008 / 016 / 024 / 032 / 048 / 064 / 096 / 128 / 192 / 256
53
©2001 Silicon Storage Technology, Inc.
S71125-03-000
9/01
375
3.2.1.26 Write Multiple Command - C5H
Note: The current revision of the SST CompactFlash card can support up to a block count of 1 as indicated in the Identify Drive
Command information
This command is similar to the Write Sectors command. The CompactFlash card sets BSY within 400
ns of accepting the command. Interrupts are not presented on each sector but on the transfer of a block
which contains the number of sectors defined by Set Multiple. Command execution is identical to the
Write Sectors operation except that the number of sectors defined by the Set Multiple command is
transferred without intervening interrupts.
DRQ qualification of the transfer is required only at the start of the data block, not on each sector. The
block count of sectors to be transferred without intervening interrupts is programmed by the Set Multiple
Mode command, which must be executed prior to the Write Multiple command.
When the Write Multiple command is issued, the Sector Count Register contains the number of sectors
(not the number of blocks or the block count) requested. If the number of requested sectors is not
evenly divisible by the sector/block, as many full blocks as possible are transferred, followed by a final,
partial block transfer. The partial block transfer is for n sectors, where:
n = remainder(sector count/block count)
If the Write Multiple command is attempted before the Set Multiple Mode command has been executed
or when Write Multiple commands are disabled, the Write Multiple operation will be rejected with an
aborted command error.
Errors encountered during Write Multiple commands are posted after the attempted writes of the block
or partial block transferred. The Write command ends with the sector in error, even if it is in the middle
of a block. Subsequent blocks are not transferred in the event of an error. Interrupts are generated
when DRQ is set at the beginning of each block or partial block.
The Command Block Registers contain the cylinder, head and sector number of the sector where the
error occurred and the Sector Count Register contains the residual number of sectors that need to be
transferred for successful completion of the command e.g. each block has 4 sectors, a request for 8
sectors is issued and an error occurs on the third sector. The Sector Count Register contains 6 and the
address is that of the third sector.
Bit ->
76
54
32
10
Command (7)
C5H
C/D/H (6)
X
LBA
X
Drive
Head
Cyl High (5)
Cylinder High
Cyl Low (4)
Cylinder Low
Sec Num (3)
Sector Number
Sec Cnt (2)
Sector Count
Feature (1)
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com