Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BD9478F Datasheet(PDF) 7 Page - Rohm

Part # BD9478F
Description  PWM pulse Generator for LCD Panels
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD9478F Datasheet(HTML) 7 Page - Rohm

Back Button BD9478F Datasheet HTML 3Page - Rohm BD9478F Datasheet HTML 4Page - Rohm BD9478F Datasheet HTML 5Page - Rohm BD9478F Datasheet HTML 6Page - Rohm BD9478F Datasheet HTML 7Page - Rohm BD9478F Datasheet HTML 8Page - Rohm BD9478F Datasheet HTML 9Page - Rohm BD9478F Datasheet HTML 10Page - Rohm BD9478F Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
7/12
Datasheet
BD9478F
TSZ02201-0F1F0C100010-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
24. Jul.2012 Rev.002
www.rohm.com
TSZ22111
・15・001
●Pin Function
○
○
○
○Pin 1: VCC
Power supply pin of the IC. Input range is from 4.5V to 5.5V
Operation starts at VCC=3.8V
(TYP.) or higher and shuts down at VCC=3.5V(TYP.) or lower.
○
○
○
○Pin 2: EXTPWM
External PWM signal input terminal.
In case of the following equation, the signal input to EXTPWM is output directly to PWMOUT.
The equation
;
f(PLL) < 2 * f(EXTPWM)
f(EXTPWM) ;
frequency of signal input to EXTPWM
f(PLL) ;
frequency of signal that synchronizes with VSYNC signal
○
○
○
○Pin 3: PDIM
DC signal input terminal to generate internal PWM signal.
The PWM signal is generated with compare it with a triangular waveform in IC.
If PDIM input DC level is changed, PWM Duty can be changed.
PDIM input DC voltage range is from 0.5V to 3.0V. (PWM Duty is changed from 0% to 100%)
○
○
○
○Pin 4: VSYNC
Synchronous signal input terminal.
The signal that synchronizes with the frequency of the signal input to VSYNC is generated with PLL.
A triangular wave is generated based on the frequency of this synchronized signal, and the PWM
pulse is generated with compare it with the PDIM signal
○
○
○
○Pin 5: CT
Capacitor connection terminal that decides the oscillation frequency of VCO..
Please adjust the capacity of CT by the following equation so that the voltage of the terminal LPF
may become 0.9V when the frequency of the signal that synchronizes is input.
○
○
○
○Pin 6: LPF
Low pass filter connection pin.
The pulse signal output from Phase Comparator is smoothed by Low path filter, and it inputs to Voltage.
Controlled Oscillator (VCO).
○
○
○
○Pin 7: GND
Ground pin of this IC.
○
○
○
○Pin 8: PWMOUT
PWM signal output pin.
The PWM signal generated in IC is output.
 
  ]
[
]
[
5
.
1
uF
Hz
f
CT
PLLtyp
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com