Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DIP1524-01D3 Datasheet(PDF) 4 Page - STMicroelectronics

Part # DIP1524-01D3
Description  GPS/GLONASS and 2.4 GHz diplexer
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

DIP1524-01D3 Datasheet(HTML) 4 Page - STMicroelectronics

  DIP1524-01D3 Datasheet HTML 1Page - STMicroelectronics DIP1524-01D3 Datasheet HTML 2Page - STMicroelectronics DIP1524-01D3 Datasheet HTML 3Page - STMicroelectronics DIP1524-01D3 Datasheet HTML 4Page - STMicroelectronics DIP1524-01D3 Datasheet HTML 5Page - STMicroelectronics DIP1524-01D3 Datasheet HTML 6Page - STMicroelectronics DIP1524-01D3 Datasheet HTML 7Page - STMicroelectronics DIP1524-01D3 Datasheet HTML 8Page - STMicroelectronics DIP1524-01D3 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Characteristics
DIP1524-01D3
4/9
Doc ID 022548 Rev 1
Figure 8.
P1, P2, P3 - Sxx reflection
coefficient
Figure 9.
P1 - S11 return loss in f1 band
F (GHz)
S11, S22, S33 (dB)
S11
S22
S33
01
2
3
4
5
6
0
-5
-10
-15
-20
-25
-30
-35
F (GHz)
S11 (dB)
2.40
2.45
2.50
2.55
-5
-10
-25
-15
-30
-20
-35
m11
m10
m10
F = 2.400 GHz
S11 = -13.229 dB
m11
F = 2.700 GHz
S11 = -11.059 dB
2.60
2.65
2.70
Figure 10.
P2 - S22 return loss in f2 band
Figure 11.
P3 - S33 return loss in f1 band
F (GHz)
S22 (dB)
1.570 1.575 1.580 1.585
-15
-5
-20
-10
-25
-30
-35
m13
m12
m12
F = 1.575 GHz
S22 = -31.730 dB
m13
F = 1.605 GHz
S22 = -27.778 dB
1.590 1.595 1.600 1.605 1.610
F (GHz)
S33 (dB)
2.40
2.45
2.50
2.55
-5
-10
-25
-15
-30
-20
-35
m15
m14
m14
F = 2.400 GHz
S33 = -11.442 dB
m15
F = 2.700 GHz
S33 = -10.102 dB
2.60
2.65
2.70
Figure 12.
P3 - S33 return loss in f2 band
Figure 13.
P1-P2 - S12 isolation
1.570 1.575 1.580 1.585 1.590 1.595 1.600 1.605 1.610
F (GHz)
S33 (dB)
-5
-10
-25
-15
-30
-20
-35
m17
m16
m16
F = 1.575 GHz
S33 = -24.600 dB
m17
F = 1.605 GHz
S33 = -22.469 dB
F (GHz)
S12 (dB)
01
2
3
4
5
6
0
-5
-10
-15
-20
-25
-30
-35



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com