Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TSB41BA3BTPFPEP Datasheet(PDF) 49 Page - Texas Instruments

Click here to check the latest version.
Part # TSB41BA3BTPFPEP
Description  IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER  
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TSB41BA3BTPFPEP Datasheet(HTML) 49 Page - Texas Instruments

Back Button TSB41BA3BTPFPEP Datasheet HTML 45Page - Texas Instruments TSB41BA3BTPFPEP Datasheet HTML 46Page - Texas Instruments TSB41BA3BTPFPEP Datasheet HTML 47Page - Texas Instruments TSB41BA3BTPFPEP Datasheet HTML 48Page - Texas Instruments TSB41BA3BTPFPEP Datasheet HTML 49Page - Texas Instruments TSB41BA3BTPFPEP Datasheet HTML 50Page - Texas Instruments TSB41BA3BTPFPEP Datasheet HTML 51Page - Texas Instruments TSB41BA3BTPFPEP Datasheet HTML 52Page - Texas Instruments TSB41BA3BTPFPEP Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 67 page
background image
TSB41BA3BEP
IEEE 1394b THREEPORT CABLE TRANSCEIVER/ARBITER
SGLS362—MAY 2006
49
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
PRINCIPLES OF OPERATION (1394b INTERFACE)
The TSB41BA3B-EP is designed to operate with a LLC such as the Texas Instruments TSB82AA2 when the
BMODE terminal is tied high. Details of operation for the Texas Instruments LLC devices are found in the
respective LLC data sheets. The following paragraphs describe the operation of the PHY-LLC interface. This
interface is formally specified in the IEEE 1394b-2002 standard.
The interface to the LLC consists of the PCLK, LCLK_PMC, CTL0−CTL1, D0−D7, LREQ, PINT, LPS, and
S5_LKON terminals on the TSB41BA3B-EP, as shown in Figure 22.
S5_LKON
LPS
PCLK
LREQ
D0–D7
CTL0–CTL1
Link-Layer
Controller
TSB41BA3B-EP
LCLK_PMC
PINT
Figure 22. PHY-LLC Interface
The LCLK_PMC terminal provides a clock signal to the PHY. The LLC derives this clock from the PCLK signal
and is phase-locked to the PCLK signal. All LLC to PHY transfers are synchronous to LCLK_PMC.
The PCLK terminal provides a 98.304-MHz interface system clock. All control, data, and PHY interrupt signals
are synchronized to the rising edge of PCLK.
The CTL0 and CTL1 terminals form a bidirectional control bus, which controls the flow of information and data
between the TSB41BA3B-EP and LLC.
The D0−D7 terminals form a bidirectional data bus, which transfers status information, control information, or
packet data between the devices. The TSB41BA3B-EP supports S400B, S200B, and S100B data transfers over
the D0−D7 data bus. In S400B, S200B, and S100B operation, all Dn terminals are used.
The LREQ terminal is controlled by the LLC to send serial service requests to the PHY in order to request access
to the serial bus for packet transmission, read or write PHY registers, or control arbitration acceleration. All data
on LREQ is synchronous to LCLK_PMC.
The LPS and S5_LKON terminals are used for power management of the PHY and LLC. The LPS terminal
indicates the power status of the LLC and can be used to reset the PHY-LLC interface or to disable PCLK. The
S5_LKON terminal sends a wake-up notification to the LLC and indicates an interrupt to the LLC when either
LPS is inactive or the PHY register L bit is 0.
The PINT terminal is used by the PHY for the serial transfer of status, interrupt, and other information to the LLC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com