Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CDCLVC1310 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # CDCLVC1310
Description  Ten-Output Low-Jitter Low-Power Clock Buffer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCLVC1310 Datasheet(HTML) 19 Page - Texas Instruments

Back Button CDCLVC1310 Datasheet HTML 15Page - Texas Instruments CDCLVC1310 Datasheet HTML 16Page - Texas Instruments CDCLVC1310 Datasheet HTML 17Page - Texas Instruments CDCLVC1310 Datasheet HTML 18Page - Texas Instruments CDCLVC1310 Datasheet HTML 19Page - Texas Instruments CDCLVC1310 Datasheet HTML 20Page - Texas Instruments CDCLVC1310 Datasheet HTML 21Page - Texas Instruments CDCLVC1310 Datasheet HTML 22Page - Texas Instruments CDCLVC1310 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
4
6
8
10
12
14
16
0
20
40
60
80
100
120
140
160
180
200
Pstat + Pdyn + PCload2pF
Pstat + Pdyn + PCload8pF
f − Clock Frequency (MHz)
VDD=VDDO=2.625V
0
1
2
3
4
5
6
0
20
40
60
80
100
120
140
160
180
200
f − Clock Frequency (MHz)
VDDO=3.465V
VDDO=2.625V
VDDO=2.0V
VDDO=1.65V
CDCLVC1310
www.ti.com
SCAS917B
– JULY 2011 – REVISED FEBRUARY 2012
Figure 20. Device Power Consumption vs Clock
Figure 21. Device Power Consumption vs Clock
Frequency (VDD = VDDO = 3.465 V; Load 2 pF, 8
Frequency (VDD = VDDO = 2.625 V; Load 2 pF, 8
pF; per Output)
pF; per Output)
Figure 22. Dynamic Supply Current vs Clock Frequency (per Output)
Thermal Management
Power consumption of the CDCLVC1310 can be high enough to require attention to thermal management. For
reliability and performance reasons, the die temperature should be limited to a maximum of 125
°C. That is, as an
estimate, TA (ambient temperature) plus device power consumption times θJA should not exceed 125°C.
The device package has an exposed pad that provides the primary heat removal path as well as an electrical
grounding to the printed circuit board (PCB). To maximize the removal of heat from the package, a thermal
landing pattern including multiple vias to a ground plane must be incorporated on the PCB within the footprint of
the package. The exposed pad must be soldered down to ensure adequate heat conduction out of the package.
A recommended land and via pattern is shown in Figure 23.
Copyright
© 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Link(s): CDCLVC1310



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com