Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CALVCH16245MDLREP Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # CALVCH16245MDLREP
Description  16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CALVCH16245MDLREP Datasheet(HTML) 3 Page - Texas Instruments

  CALVCH16245MDLREP Datasheet HTML 1Page - Texas Instruments CALVCH16245MDLREP Datasheet HTML 2Page - Texas Instruments CALVCH16245MDLREP Datasheet HTML 3Page - Texas Instruments CALVCH16245MDLREP Datasheet HTML 4Page - Texas Instruments CALVCH16245MDLREP Datasheet HTML 5Page - Texas Instruments CALVCH16245MDLREP Datasheet HTML 6Page - Texas Instruments CALVCH16245MDLREP Datasheet HTML 7Page - Texas Instruments CALVCH16245MDLREP Datasheet HTML 8Page - Texas Instruments CALVCH16245MDLREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
www.ti.com
Recommended Operating Conditions
(1)
SN74ALVCH16245-EP
16-BIT BUS TRANSCEIVER
WITH 3-STATE OUTPUTS
SCES608A – SEPTEMBER 2004 – REVISED JUNE 2006
MIN
MAX
UNIT
VCC
Supply voltage
1.65
3.6
V
VCC = 1.65 V to 1.95 V
0.65
× V
CC
VIH
High-level input voltage
VCC = 2.3 V to 2.7 V
1.7
V
VCC = 2.7 V to 3.6 V
2
VCC = 1.65 V to 1.95 V
0.35
× V
CC
VIL
Low-level input voltage
VCC = 2.3 V to 2.7 V
0.7
V
VCC = 2.7 V to 3.6 V
0.8
VI
Input voltage
0
VCC
V
VO
Output voltage
0
VCC
V
VCC = 1.65 V
–4
VCC = 2.3 V
–12
IOH
High-level output current
mA
VCC = 2.7 V
–12
VCC = 3 V
–24
VCC = 1.65 V
4
VCC = 2.3 V
12
IOL
Low-level output current
mA
VCC = 2.7 V
12
VCC = 3 V
24
∆t/∆v
Input transition rise or fall rate
10
ns/V
TA
Operating free-air temperature (I temp)
–40
85
°C
TA
Operating free-air temperature (M temp)
–55
125
°C
(1)
All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
3
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com