Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AWHW10G-0202-T-R Datasheet(PDF) 6 Page - Texas Instruments

Part # AWHW10G-0202-T-R
Description  Using the PWR091EVM Dual-Output DC/DC Analog With PMBus Interface
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AWHW10G-0202-T-R Datasheet(HTML) 6 Page - Texas Instruments

Back Button AWHW10G-0202-T-R Datasheet HTML 2Page - Texas Instruments AWHW10G-0202-T-R Datasheet HTML 3Page - Texas Instruments AWHW10G-0202-T-R Datasheet HTML 4Page - Texas Instruments AWHW10G-0202-T-R Datasheet HTML 5Page - Texas Instruments AWHW10G-0202-T-R Datasheet HTML 6Page - Texas Instruments AWHW10G-0202-T-R Datasheet HTML 7Page - Texas Instruments AWHW10G-0202-T-R Datasheet HTML 8Page - Texas Instruments AWHW10G-0202-T-R Datasheet HTML 9Page - Texas Instruments AWHW10G-0202-T-R Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 49 page
background image
User
's Guide
SLVU638
– January 2012
Using the PWR091EVM Dual-Output DC/DC Analog With
PMBus Interface
The PWR091EVM evaluation module uses the TPS40422. The TPS40422 is a dual-channel, synchronous
buck controller that operates from a nominal 4.5-V to 20-V supply. This controller is an analog PWM
controller that allows programming and monitoring via the PMBus interface. It can be used as a dual,
independent output or a dual-phase output controller.
1
Description
The PWR091EVM is designed as a dual-output converter. It uses a nominal 12-V bus to produce a
regulated 1.2-V output at up to 20 A of load current, and a regulated 3.3-V output at up to 15 A of load
current. The PWR091EVM demonstrates the TPS40422 in a typical low-voltage application while providing
a number of test points to evaluate the performance of the TPS40422.
1.1
Typical Applications
•
Smart power systems
•
Power supply modules
•
Communications equipment
•
Computing equipment
1.2
Features
•
Regulated 1.2-V output up to 20-Adc, steady-state output current
•
Regulated 3.3-V output up to 15-Adc, steady-state output current
•
Both outputs are marginable and trimmable via the PMBus interface.
– Programmable: UVLO, Soft Start, and Enable via the PMBus interface
– Programmable overcurrent warning and fault limits and programmable response to faults via the
PMBus interface
– Programmable overvoltage warning and fault limit and programmable response to faults via the
PMBus interface
– Programmable high- and low-output margin voltages with a maximum range of +10%, –20% of
nominal output voltage
•
Convenient test points for probing critical waveforms
7
SLVU638
– January 2012
Using the PWR091EVM Dual-Output DC/DC Analog With PMBus Interface
Submit Documentation Feedback
Copyright
© 2012, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com