Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IRS2548D Datasheet(PDF) 1 Page - International Rectifier

Part # IRS2548D
Description  SMPS/LED DRIVER PFC HALF-BRIDGE CONTROL IC
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS2548D Datasheet(HTML) 1 Page - International Rectifier

  IRS2548D Datasheet HTML 1Page - International Rectifier IRS2548D Datasheet HTML 2Page - International Rectifier IRS2548D Datasheet HTML 3Page - International Rectifier IRS2548D Datasheet HTML 4Page - International Rectifier IRS2548D Datasheet HTML 5Page - International Rectifier IRS2548D Datasheet HTML 6Page - International Rectifier IRS2548D Datasheet HTML 7Page - International Rectifier IRS2548D Datasheet HTML 8Page - International Rectifier IRS2548D Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
www.irf.com
© 2011 International Rectifier
September 29, 2011
IRS2548D
SMPS/LED DRIVER PFC + HALF-BRIDGE CONTROL IC
Features
• PFC, system control and half-bridge driver in
one IC
• Critical-conduction mode boost-type PFC
• Programmable PFC over-current protection
• Half Bridge Driver
• Half Bridge Over Current Protection
• Variable Frequency Oscillator
• Fixed internal 1.6us HO and LO deadtime
• Internal bootstrap MOSFET
• Internal 15.6V zener clamp diode on Vcc
• Micropower startup (250µA)
• Latch immunity and ESD protection
Typical Applications
• Isolated LED Drivers
• Power Supplies
Product Summary
Topology
Half Bridge
VOFFSET
600V
VOUT
VCC
Io+ & I o- (typical)
500mA/500mA
tON & tOFF (typical)
120nS/50nS
Deadtime (typical)
1.6uS
Package
14-Lead SOIC
Typical Connection Diagram
RVBUS1
RLO
+
RVBUS2
C1
L
N
RV1
F1
CVS
DCP2
DCP 1
CCO MP
COC
ROC
MPFC
CVBUS2
CVBUS1
RPFC
RZX
CVBUS
RVBUS
RFMIN
RVCC
CCS
R
CS
RF1
RLM1
RLM2
RHO
MHS
MLS
CBS
CVCC1
CVCC
+
+
BR1
C2
L1
CY
GND
DPFC
LPFC
RFMAX
CRES
DOUT1
DOUT2
COUT
RPU
R
CL
CVS
Reg
+5V
LED+
LED-
RD1
RD2
RD3
RV1
RV2
CF1
CF2
2
ENN
1
2
3
VBUS
4
5
7
FMIN
6
7
8
13
12
11
10
9
14
OC
COMP
ZX
PFC
HO
VS
VB
VCC
COM
LO
CS
ROC
DO1
DO2
U1
U2A
U2B
U3
RF2
RMAX
CMAX


Similar Part No. - IRS2548D

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IRS2548D INFINEON-IRS2548D Datasheet
325Kb / 22P
PFC, system control and half-bridge driver
September 29, 2011
logo
International Rectifier
IRS2548DSPBF IRF-IRS2548DSPBF Datasheet
325Kb / 22P
Critical-conduction mode boost-type PFC
IRS2548DSPBF IRF-IRS2548DSPBF_15 Datasheet
325Kb / 22P
Critical-conduction mode boost-type PFC
More results

Similar Description - IRS2548D

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS2158D IRF-IRS2158D Datasheet
773Kb / 30P
Ballast control and half-bridge driver in one IC
logo
NXP Semiconductors
UBA2080 PHILIPS-UBA2080 Datasheet
587Kb / 15P
Half-bridge driver IC
Rev. 1.1-6 December 2011
logo
International Rectifier
IRS2580DSPBF IRF-IRS2580DSPBF Datasheet
32Kb / 1P
?쏞OMBO8??PFC HALF-BRIDGE BALLAST IC
IR21141SS IRF-IR21141SS Datasheet
721Kb / 34P
HALF-BRIDGE GATE DRIVER IC
IRS2580DSPBF IRF-IRS2580DSPBF_15 Datasheet
32Kb / 1P
PFC, ballast control and half-bridge driver in one IC
logo
NXP Semiconductors
NWP2081T PHILIPS-NWP2081T Datasheet
105Kb / 12P
Half-bridge driver IC
Rev. 1-3 September 2013
logo
Infineon Technologies A...
TLE4208G INFINEON-TLE4208G_16 Datasheet
1Mb / 16P
Quad Half-Bridge Driver IC
Rev. 1.4, 2016-02-02
IRS2505LPBF INFINEON-IRS2505LPBF Datasheet
965Kb / 19P
Boost PFC and SMPS Control IC
2015-9-2
TLE84110EL INFINEON-TLE84110EL Datasheet
775Kb / 33P
Deca-Half-Bridge Driver IC
Rev. 1.0, April 2010
IRS2548D INFINEON-IRS2548D Datasheet
325Kb / 22P
PFC, system control and half-bridge driver
September 29, 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com