Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SL3ICS1002FUG-V7AF Datasheet(PDF) 14 Page - NXP Semiconductors

Part # SL3ICS1002FUG-V7AF
Description  512-bit user memory (G2XM only)
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SL3ICS1002FUG-V7AF Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button SL3ICS1002FUG-V7AF Datasheet HTML 10Page - NXP Semiconductors SL3ICS1002FUG-V7AF Datasheet HTML 11Page - NXP Semiconductors SL3ICS1002FUG-V7AF Datasheet HTML 12Page - NXP Semiconductors SL3ICS1002FUG-V7AF Datasheet HTML 13Page - NXP Semiconductors SL3ICS1002FUG-V7AF Datasheet HTML 14Page - NXP Semiconductors SL3ICS1002FUG-V7AF Datasheet HTML 15Page - NXP Semiconductors SL3ICS1002FUG-V7AF Datasheet HTML 16Page - NXP Semiconductors SL3ICS1002FUG-V7AF Datasheet HTML 17Page - NXP Semiconductors SL3ICS1002FUG-V7AF Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 56 page
background image
139036
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
COMPANY PUBLIC
Rev. 3.6 — 10 March 2011
139036
14 of 56
NXP Semiconductors
SL3ICS1002/1202
UCODE G2XM and G2XL
8. Mechanical specification
8.1 Wafer specification
See Ref. 20 “Data sheet - Delivery type description – General specification for 8” wafer on
UV-tape with electronic fail die marking, BL-ID document number: 1093**”.
8.1.1 Wafer
• Designation:
each wafer is scribed with batch number and
wafer number
• Diameter:
200 mm (8”)
• Thickness:
150
μm ± 15 μm
• Number of pads
4
• Pad location:
non diagonal/ placed in chip corners
• Distance pad to pad RFN-RFP
333.0 µm
• Distance pad to pad TP1-RFN:
351.0 µm
• Process:
CMOS 0.14 µm
• Batch size:
25 wafers
• Dies per wafer:
120.000
8.1.2 Wafer backside
• Material:
Si
• Treatment:
ground and stress release
• Roughness:
Ra max. 0.5 μm, Rt max. 5 μm
8.1.3 Chip dimensions
• Die size without scribe:
0.414 mm x 0.432 mm = 0.178 mm2
• Scribe line width:
x-dimension:56.4
μm (width is measured on top metal layer)
y-dimension:56.4
μm (width is measured on top metal layer)
8.1.4 Passivation on front
• Type
Sandwich structure
• Material:
PE-Nitride (on top)
• Thickness:
1.75
μm total thickness of passivation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com