Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SL3ICS1202FUG-V7AF Datasheet(PDF) 54 Page - NXP Semiconductors

Part # SL3ICS1202FUG-V7AF
Description  512-bit user memory (G2XM only)
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SL3ICS1202FUG-V7AF Datasheet(HTML) 54 Page - NXP Semiconductors

Back Button SL3ICS1202FUG-V7AF Datasheet HTML 48Page - NXP Semiconductors SL3ICS1202FUG-V7AF Datasheet HTML 49Page - NXP Semiconductors SL3ICS1202FUG-V7AF Datasheet HTML 50Page - NXP Semiconductors SL3ICS1202FUG-V7AF Datasheet HTML 51Page - NXP Semiconductors SL3ICS1202FUG-V7AF Datasheet HTML 52Page - NXP Semiconductors SL3ICS1202FUG-V7AF Datasheet HTML 53Page - NXP Semiconductors SL3ICS1202FUG-V7AF Datasheet HTML 54Page - NXP Semiconductors SL3ICS1202FUG-V7AF Datasheet HTML 55Page - NXP Semiconductors SL3ICS1202FUG-V7AF Datasheet HTML 56Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 54 / 56 page
background image
139036
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
COMPANY PUBLIC
Rev. 3.6 — 10 March 2011
139036
54 of 56
NXP Semiconductors
SL3ICS1002/1202
UCODE G2XM and G2XL
22. Tables
Table 1.
Ordering information G2XM . . . . . . . . . . . . . . . .3
Table 2.
Ordering information G2XL. . . . . . . . . . . . . . . . .3
Table 3.
Pin description of SOT1040-1 . . . . . . . . . . . . . .6
Table 4.
Pin description of TSSOP8. . . . . . . . . . . . . . . . .7
Table 5.
TSSOP8 Marking . . . . . . . . . . . . . . . . . . . . . . . .8
Table 6.
Pin description of SOT1122 . . . . . . . . . . . . . . .10
Table 7.
SOT1122 Marking. . . . . . . . . . . . . . . . . . . . . . .10
Table 8.
Mechanical properties SOT1040AA1 . . . . . . . .16
Table 9.
Mechanical properties SOT1040AB2 . . . . . . . .16
Table 10. Limiting values[1][2] . . . . . . . . . . . . . . . . . . . . . .17
Table 11. Wafer characteristics . . . . . . . . . . . . . . . . . . . .18
Table 12. Package interface characteristics . . . . . . . . . . .18
Table 13. Symbol description . . . . . . . . . . . . . . . . . . . . . .22
Table 14. Operating distances for UCODE G2X based
tags and labels in released frequency bands . .22
Table 15. G2X memory sections . . . . . . . . . . . . . . . . . . .29
Table 16. Memory map. . . . . . . . . . . . . . . . . . . . . . . . . . .30
Table 17. ReadProtect command. . . . . . . . . . . . . . . . . . .36
Table 18. G2X reply to a successful ReadProtect
procedure . . . . . . . . . . . . . . . . . . . . . . . . . . . . .37
Table 19. ReadProtect command-response table . . . . . .37
Table 20. Reset ReadProtect command . . . . . . . . . . . . .39
Table 21. G2X reply to a successful Reset ReadProtect
command . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 39
Table 22. Reset ReadProtect command-response
table . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 39
Table 23. ChangeEAS command . . . . . . . . . . . . . . . . . . 40
Table 24. G2X reply to a successful ChangeEAS
command . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 41
Table 25. ChangeEAS command-response table . . . . . . 41
Table 26. EAS_Alarm command . . . . . . . . . . . . . . . . . . . 42
Table 27. G2X reply to a successful EAS_Alarm
command . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 42
Table 28. Eas_Alarm command-response table. . . . . . . 43
Table 29. Calibrate command . . . . . . . . . . . . . . . . . . . . . 44
Table 30. G2X reply to a successful Calibrate
command . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 44
Table 31. Calibrate command-response table . . . . . . . . . 44
Table 32. Practical example of CRC calculation for a
'Req_RN' command by the reader . . . . . . . . . 45
Table 33. Practical example of CRC calculation for a
'Req_RN' command by the reader. . . . . . . . . . 46
Table 34. Abbreviations . . . . . . . . . . . . . . . . . . . . . . . . . 47
Table 35. Revision history . . . . . . . . . . . . . . . . . . . . . . . . 50
23. Figures
Fig 1.
Block diagram of G2X IC . . . . . . . . . . . . . . . . . . . .4
Fig 2.
Wafer layout and pinning information . . . . . . . . . .5
Fig 3.
Pinning - SOT1040-1 . . . . . . . . . . . . . . . . . . . . . . .6
Fig 4.
Package TSSOP8, SOT505-1 . . . . . . . . . . . . . . . .7
Fig 5.
Package outline SOT1122 . . . . . . . . . . . . . . . . . . .9
Fig 6.
Package FCS2, SOT1040AA1, 12 mm Cu
metallization . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11
Fig 7.
Package FCS2, SOT1040AB2, 20 mm Al
metallization . . . . . . . . . . . . . . . . . . . . . . . . . . . . .12
Fig 8.
Splicing drawing SOT1040-1 . . . . . . . . . . . . . . . .13
Fig 9.
G2X TID memory structure . . . . . . . . . . . . . . . . .29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com