Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SFH486 Datasheet(PDF) 6 Page - OSRAM GmbH

Part # SFH486
Description  GaAlAs-IR-Lumineszenzdiode (880 nm)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH486 Datasheet(HTML) 6 Page - OSRAM GmbH

  SFH486 Datasheet HTML 1Page - OSRAM GmbH SFH486 Datasheet HTML 2Page - OSRAM GmbH SFH486 Datasheet HTML 3Page - OSRAM GmbH SFH486 Datasheet HTML 4Page - OSRAM GmbH SFH486 Datasheet HTML 5Page - OSRAM GmbH SFH486 Datasheet HTML 6Page - OSRAM GmbH SFH486 Datasheet HTML 7Page - OSRAM GmbH SFH486 Datasheet HTML 8Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
2010-04-28
6
SFH 486
Maßzeichnung
Package Outlines
Maße in mm (inch) / Dimensions in mm (inch).
Empfohlenes Lötpaddesign
)
Wellenlöten (TTW)
Recommended Solder Pad
TTW Soldering
Maße in mm (inch) / Dimensions in mm (inch).
5.9
5.5
0.6
0.4
7.8
7.5
9.0
8.2
5.7
5.1
29.5
27.5
1.8
1.2
Area not flat
0.6
0.4
Anode
Chip position
GEX06626
4 (0.157)
OHLPY985



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com