Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AS3668 Datasheet(PDF) 34 Page - ams AG

Part # AS3668
Description  4 Channel Breathl ight Cont rol ler
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3668 Datasheet(HTML) 34 Page - ams AG

Back Button AS3668 Datasheet HTML 30Page - ams AG AS3668 Datasheet HTML 31Page - ams AG AS3668 Datasheet HTML 32Page - ams AG AS3668 Datasheet HTML 33Page - ams AG AS3668 Datasheet HTML 34Page - ams AG AS3668 Datasheet HTML 35Page - ams AG AS3668 Datasheet HTML 36Page - ams AG AS3668 Datasheet HTML 37Page - ams AG AS3668 Datasheet HTML 38Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 60 page
background image
www.austriamicrosystems.com/AS3668
Revision 1.11
34 - 60
AS3668
Data Sheet - D e t a i l e d D e s c r i p t i o n
8.10 LED Pattern Configuration
8.10.1 Single Pulse Mode
The AS3668 supports basically three basic LED pattern modes to create fancy lighting effect for the LEDs which can be connected to the current
sources CURR1, CURR2, CURR3 and CURR4. The first and basic mode is the “Single Pulse Mode”. This mode is basically defined out of five
parameters shown in Figure 42 below.
Figure 42. LED Pattern - Single Pulse Mode
The first parameter which can be configured in register pwm_dim_speed_up is tr_CURR. This time defines how long it takes to ramp up the
current to the defined value in registers curr1_current, curr2_current, curr3_current and curr4_current for each current source. The dimming of
the current source is of course logarithmic for a better visual effect but can be reconfigured to linear mode in register pwm_dim_shape. The
second parameter tf_CURR, which can be controlled in register pwm_dim_speed_down, defines the fall time for dimming down the LEDs. The
third parameter is ton_CURR and can be configured in register pattern_ton. It defines how long a current source keeps switched on with the
current configured in register curr1_current, curr2_current, curr3_current and curr4_current for each current source. Also this down dimming is
done with a logarithmic scale for a better visual effect. The last parameter toff_CURR defines how long the current sources or LEDs are switched
off until the whole pattern cycle starts from the beginning and can be configured in register pattern_toff.
Please mind that the settings for tf_CURR, tr_CURR, ton_CURR and toff_CURR are valid for all four current sinks at the same time. It is not
possible to define individual time values for each current source differently to each other. The only parameter which can differ from on current
source to another is the current which can be configured in registers curr1_current, curr2_current, curr3_current and curr4_current for each
current source individually. An example how the mode looks like for all four current sources in parallel can be seen in Figure 43. All current
sources work synchronously to each other with a fixed and parallel start point.
Table 32. Singe Pulse Mode Parameters
Symbol
Parameter
Condition
Min
Typ
Max
Unit
tr_CURR
Rise time for dimming up
CURRx
0
8.39
s
tf_CURR
Fall time for dimming down
CURRx
0
8.39
s
ton_CURR
On time for CURRx
0.05
4.2
s
toff_CURR
Off time for CURRx
0.08
8.4
s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com