Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT25DF021-SSH Datasheet(PDF) 6 Page - ATMEL Corporation

Part # AT25DF021-SSH
Description  8-bit Atmel Microcontrollers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT25DF021-SSH Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button AT25DF021-SSH Datasheet HTML 2Page - ATMEL Corporation AT25DF021-SSH Datasheet HTML 3Page - ATMEL Corporation AT25DF021-SSH Datasheet HTML 4Page - ATMEL Corporation AT25DF021-SSH Datasheet HTML 5Page - ATMEL Corporation AT25DF021-SSH Datasheet HTML 6Page - ATMEL Corporation AT25DF021-SSH Datasheet HTML 7Page - ATMEL Corporation AT25DF021-SSH Datasheet HTML 8Page - ATMEL Corporation AT25DF021-SSH Datasheet HTML 9Page - ATMEL Corporation AT25DF021-SSH Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
6
Atmel AVR1923
8394B-AVR-02/12
4 Connectors
The Atmel AVR XMEGA-A3BU Xplained kit has five 10-pins, 100mil headers. One
header is used for programming the Atmel AVR ATxmega256A3BU, and the others
are used to access spare analog and digital pins on the Atmel AVR XMEGA
(expansion headers).
4.1 Programming headers
The XMEGA can be programmed and debugged by connecting an external
programming/debugging tool to the “JTAG & PDI” header shown in Figure 3-1. The
header has a standard pin-out and therefore tools like the Atmel JTAGICE 3 or Atmel
AVR ONE! can be connected to the header.
Due to physical differences of the Atmel AVR JTAGICE mkII and AVR ONE! probes,
the PCB has an opening below the JTAG and PDI header. This is to make room for
the orientation tap on the JTAGICE mkII probe.
The grey female 10-pin header on JTAGICE mkII has to be used when connecting to
the kit. The opening in the board is made to fit the orientation tab on the header.
When using PDI with the JTAGICE mkII it is necessary to use the squid cable.
A standoff adapter (no. 1) is needed when using AVR ONE!
Pin 1 on the JTAG header is at the top right corner and is marked with a square pad.
Table 4-1. XMEGA programming and debugging interface – JTAG and PDI.
Pin on programming header
JTAG
(1)
PDI
(2)
1
TCK
-
2
GND
GND
(3)
3
TDO
DATA
4
VCC
VCC
5
TMS
-
6
nSRST
CLK
7
-
-
8
-
-
9
TDI
-
10
GND
GND
(3)
Notes:
1. Standard pin-out for JTAGICE mkII and other Atmel programming tools.
2. Requires adapter (squid cable) to connect a JTAGICE mkII.
3. It is only required to connect to one GND pin.
Because JTAG TDO and PDI DATA are connected on the PCB for this kit, JTAG
must be disabled on the device in order to use PDI. The reason for this is that when
JTAG is enabled it will enable a pull-up internally on TDO which interferes with the
PDI initialization sequence.
This will also be an issue when the application on the device uses the JTAG_TDO
pin. Nevertheless it is possible to use the pin if the TDO signal is disconnected from
the PDI DATA signal by cutting a strap (the cut-strap J203 is on the back side of the
board and marked with a text that describes its function) on the back side of the PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com