Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H4CPC8TIT Datasheet(PDF) 2 Page - Amphenol Corporation

Part # H4CPC8TIT
Description  Helios H4
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

H4CPC8TIT Datasheet(HTML) 2 Page - Amphenol Corporation

  H4CPC8TIT Datasheet HTML 1Page - Amphenol Corporation H4CPC8TIT Datasheet HTML 2Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Notice: Specifications are subject to change without notice. Contact your nearest Amphenol Corporation Sales Office for the latest specifications. All statements, information and data given herein are believed to be accurate and reliable but are presented
without guarantee, warranty, or responsibility of any kind, expressed or implied. Statements of suggestions concerning possible use of our products are made without representation or warranty that any such use is free of patent infringement and are not
recommendations to infringe any patent. The user should assume that all safety measures are indicated or that other measures may not be required. Specifications are typical and may not apply to all connectors.
Technic al D at a
North America:
Amphenol Industrial Operations
180 N. Freeport Drive, Plant 4
Nogales, AZ 85621
Tel: (520) 285-5130
Fax: (520) 285-5134
Email: rpedrazzini@amphenol-aio.com
Europe:
Amphenol Industrial Operations Europe
Via Barbaiana 5
1-20020 Lainate (MI) Italy
Tel: +39 02 93254.204
Fax: +39 02 93254.444
Email: info@amphenol-aio.com
Middle East:
Amphenol Middle East Enterprises FZE
Office C-37 PO Box 21107
Ajman Free Zone, UAE
Tel: +9716-7422494
Fax: +9716-7422941
Email: ameefze@eim.ae
Asia:
Amphenol Technology Shenzhen Ltd
Block 5 Fuan 2nd Industrial Park
Dayang Rd, Fuyong Baoan
Baoan, Shenzhen, China 518103
Tel; +86 755 2881 8389
Fax; +86 755 2991 8310
Email: enquiry@amphenol-aio.com
For further information on your individual application requirements, contact: Amphenol Corporation
Helios
Amphenol solar connector
Rated current
32A(2.5mm, AWG14), 40A(4.0mm, AWG12), 44A(6.0mm, AWG10), 65A(10.0mm, AWG8)
Rated voltage
1000V (IEC/CEI), 1000V(UL)
Test voltage
6kV for 1 minute, 10kV impulse (1.2/50µS)(IEC)
Typical contact resistance
0.25m
Ω
Contact material
Copper, tin plated
Contact system
Machined/Cold Formed or Stamped & Formed with RADSOK® insert
Insulation material
PC
Locking mechanism
Snap-lock, special unlock tool required to un-mate as required by NEC2008
Cable strain relief
Compression gland with ratcheting gland nut
Degree of protection
IP68 (1 meter, 1 hour) mated
Safety class
II (IEC61140)
Pollution degree
2 (IEC60664)
Overvoltage category
III (IEC60664)
Flame class
UL94-V0
Ambient temperature range
-40°C to +85°C
R 50157783
E 339277
Crimp Tool
Universal Unlocking Tool
250535
Tool-Kit
D erat ing c urves
1
2
3
4
5
6
7
8
H4
C
F
C
2
D
I
S
Product line
Product type
Gender
Connector type
Cable size
Approvals
Packaging
Variations
H4
Helios H4
C
Connector
F
Female +
C
Cable Gland
1
1.5-2.5mm²/ 14 AWG
T
TÜV
I
Single
S
S & F contact
(Single contact)
M
Male -
2
2.5mm²/ 14 AWG
U
UL
C
100 pcs Bag
T
Screw Termination
(Field Installation)
P
Mated pair
4
4.0mm²/ 12 AWG
D
Dual
M
500 pcs Bag
5
4.0-6.0mm²/ 10-12 AWG
6
6.0mm²/ 10 AWG
8
10.0mm²/ 8 AWG
0
Less Contacts
How t o order
How t o order assembly t ools
Description
Ordering code
H4 Strip Tool
H4TS0000
H4 Crimp Tool
H4TC0001
H4 Wrench Tool
H4TW0001
H4 Universal Unlocking Tool H4TU0000
H4 Tool-Kit
H4TK0000
Strip Tool for 2,5SQMM-6SQMM
(AWG10-AWG14)
Wrench Tool



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com