Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TLC320AD55CDW Datasheet(PDF) 12 Page - Texas Instruments

Part # TLC320AD55CDW
Description  Sigma-Delta Analog Interface Circuit
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC320AD55CDW Datasheet(HTML) 12 Page - Texas Instruments

Back Button TLC320AD55CDW Datasheet HTML 8Page - Texas Instruments TLC320AD55CDW Datasheet HTML 9Page - Texas Instruments TLC320AD55CDW Datasheet HTML 10Page - Texas Instruments TLC320AD55CDW Datasheet HTML 11Page - Texas Instruments TLC320AD55CDW Datasheet HTML 12Page - Texas Instruments TLC320AD55CDW Datasheet HTML 13Page - Texas Instruments TLC320AD55CDW Datasheet HTML 14Page - Texas Instruments TLC320AD55CDW Datasheet HTML 15Page - Texas Instruments TLC320AD55CDW Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 41 page
background image
1–6
1.7
Register Functional Summary
There are six data and control registers that are used as follows:
Register 0
The No-op register. The 0 register allows secondary requests without altering any other
register.
Register 1
The control 1 register. The data in this register controls:
•
The software reset
•
The software power-down
•
Selection of the normal or auxiliary analog inputs
•
The output amplifier gain (1, 1/2, 1/4, or squelch)
•
Selection of the analog loopback
•
Selection of the digital loopback
•
16-bit or 15-bit mode of operation
Register 2
The control 2 register. The data in this register:
•
Contains the output flag indicating a decimator FIR filter overflow
•
Contains Flag 0 and Flag 1 output values for use in the phone mode
•
Selects the phone mode
•
Selects or bypasses the decimation FIR filter
•
Selects or bypasses the interpolater FIR filter
Register 3
The Fk divide register. This register controls the filter clock rate and the sample period.
Register 4
The Fsclk divide register. This register controls the shift (data) clock rate.
Register 5
The control 3 register. This register enables and disables the DAC reference.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com