Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MGRB2018CT Datasheet(PDF) 1 Page - Motorola, Inc

Part # MGRB2018CT
Description  Power Manager Gallium Arsenide Power Rectifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MGRB2018CT Datasheet(HTML) 1 Page - Motorola, Inc

  MGRB2018CT Datasheet HTML 1Page - Motorola, Inc MGRB2018CT Datasheet HTML 2Page - Motorola, Inc MGRB2018CT Datasheet HTML 3Page - Motorola, Inc MGRB2018CT Datasheet HTML 4Page - Motorola, Inc MGRB2018CT Datasheet HTML 5Page - Motorola, Inc MGRB2018CT Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
Motorola RF Device Data
Advance Information
Power Manager™
Gallium Arsenide Power Rectifier
. . . ideally suited for high frequency power supplies, free wheeling diodes, and as polarity
protection diodes, these state-of-the-art devices have the following features:
Planar Epitaxial Construction
Nitride Passivation for Stable Blocking Characteristics
Monolithic Dual Die Construction – May be Paralleled for High Current Output
(10A per leg or 20A per package)
Single Die Available (MGRB1018)
Epoxy Meets UL94, VO @ 1/8″
Hyperfast and Soft Reverse Recovery Over Specified Temperature Range (15 ns)
Mechanical Characteristics
Case: Epoxy, Molded
Weight: 1.9 grams (approximately)
Finish: All External Surfaces Corrosion Resistant & Terminal Leads are Readily Solderable
Lead Temperature for Soldering Purposes: 260°C Max. for 10 Seconds
Shipped 50 units per plastic tube
Available in 24mm Tape and Reel, 800 units/reel by adding a T4 suffix to the part number
Marking: MGRB2018CT
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
180
V
Average Rectified Forward Current
Per Leg
(At Rated VR, TC = 90°C)
Per Package
IO
10
20
A
DC Forward Current
Per Leg
(TC = 130°C)
IDC
10
A
Peak Repetitive Forward Current
Per Leg
(At Rated VR, Square Wave, 20 kHz, TC = 100°C)
IFRM
20
A
Non–Repetitive Peak Surge Current
Per Package
(Surge applied at rated load conditions, halfwave, single phase, 60 Hz)
IFSM
60
A
Operating Junction Temperature and Storage Temperature
TJ, Tstg
– 55 to 175
°C
THERMAL CHARACTERISTICS
Thermal Resistance – Junction to Case
Per Leg
R
θJC
3.1
°C/W
Thermal Resistance – Junction to Ambient
Per Leg
R
θJA
53
ELECTRICAL CHARACTERISTICS
Maximum Instantaneous Forward Voltage (1), see Figure 2
Per Leg
(IF = 10 A)
(IF = 5 A)
VF
TJ=25°C
TJ=125°C
V
(IF = 10 A)
(IF = 5 A)
F
1.4
1.1
1.5
1.1
Maximum Instantaneous Reverse Current, see Figure 4
Per Leg
(VR = 180 V)
(VR = 90 V)
IR
TJ=25°C
TJ=125°C
µA
(VR = 180 V)
(VR = 90 V)
R
25
1
685
120
Typical Reverse Recovery Time (2)
Per Leg
(VR = 150 V, IF = 5 A, di/dt = 200 A/µs)
(VR = 150 V, IF = 10 A, di/dt = 200 A/µs)
trr
TJ=25°C
TJ=125°C
ns
(VR = 150 V, IF = 5 A, di/dt = 200 A/µs)
(VR = 150 V, IF = 10 A, di/dt = 200 A/µs)
rr
12.6
13
12.4
12.7
Typical Peak Reverse Recovery Current
Per Leg
(VR = 150 V, IF = 5 A, di/dt = 200 A/µs)
(VR = 150 V, IF = 10 A, di/dt = 200 A/µs)
IRM
TJ=25°C
TJ=125°C
A
(VR = 150 V, IF = 5 A, di/dt = 200 A/µs)
(VR = 150 V, IF = 10 A, di/dt = 200 A/µs)
RM
1.5
1.6
1.6
1.7
Note: This data sheet contains advance information only and is subject to change without notice.
(1) Pulse Test: Pulse Width = 300
µs, Duty Cycle ≤ 2.0%.
(2) trr measured projecting from 25% of IRM to ground.
© Motorola, Inc. 1995
Order this document
by MGRB2018CT/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
MGRB2018CT
GALLIUM ARSENIDE
RECTIFIER
20 AMPERES
180 VOLTS
1
3
2, 4
CASE 418B–02
D2PAK
1
2, 4
3


Similar Part No. - MGRB2018CT

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MGRB2025CT MOTOROLA-MGRB2025CT Datasheet
156Kb / 6P
Power Manager Gallium Arsenide Power Rectifier
More results

Similar Description - MGRB2018CT

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MGR1018 MOTOROLA-MGR1018 Datasheet
151Kb / 6P
Power Manager Gallium Arsenide Power Rectifier
MGR2018CT MOTOROLA-MGR2018CT Datasheet
154Kb / 6P
Power Manager Gallium Arsenide Power Rectifier
MGR2025CT MOTOROLA-MGR2025CT Datasheet
153Kb / 6P
Power Manager Gallium Arsenide Power Rectifier
MGRB1018 MOTOROLA-MGRB1018 Datasheet
153Kb / 6P
Power Manager Gallium Arsenide Power Rectifier
MGRB2025CT MOTOROLA-MGRB2025CT Datasheet
156Kb / 6P
Power Manager Gallium Arsenide Power Rectifier
logo
IXYS Corporation
L680 IXYS-L680 Datasheet
60Kb / 2P
Gallium Arsenide Schottky Rectifier
DGS3-01AS IXYS-DGS3-01AS Datasheet
37Kb / 2P
Gallium Arsenide Schottky Rectifier
DGS9-03AS IXYS-DGS9-03AS Datasheet
56Kb / 2P
Gallium Arsenide Schottky Rectifier
DGSS10-06CC IXYS-DGSS10-06CC Datasheet
60Kb / 3P
Gallium Arsenide Schottky Rectifier
DGS19-025AS IXYS-DGS19-025AS Datasheet
165Kb / 3P
Gallium Arsenide Schottky Rectifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com