Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CY7C65632-48AXCT Datasheet(PDF) 21 Page - Cypress Semiconductor

Part # CY7C65632-48AXCT
Description  HX2VL??Very Low Power USB 2.0 Hub Controller
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C65632-48AXCT Datasheet(HTML) 21 Page - Cypress Semiconductor

Back Button CY7C65632-48AXCT Datasheet HTML 17Page - Cypress Semiconductor CY7C65632-48AXCT Datasheet HTML 18Page - Cypress Semiconductor CY7C65632-48AXCT Datasheet HTML 19Page - Cypress Semiconductor CY7C65632-48AXCT Datasheet HTML 20Page - Cypress Semiconductor CY7C65632-48AXCT Datasheet HTML 21Page - Cypress Semiconductor CY7C65632-48AXCT Datasheet HTML 22Page - Cypress Semiconductor CY7C65632-48AXCT Datasheet HTML 23Page - Cypress Semiconductor CY7C65632-48AXCT Datasheet HTML 24Page - Cypress Semiconductor CY7C65632-48AXCT Datasheet HTML 25Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
CY7C65632, CY7C65634
Document Number: 001-67568 Rev. *F
Page 21 of 25
Figure 6. 28-pin QFN (5 × 5 × 0.8 mm), LT28A (3.5 × 3.5 E-Pad), Sawn Package Outline, 001-64621
Package Diagrams (continued)
The CY7C65632 is available in following packages:
SIDE VIEW
TOP VIEW
BOTTOM VIEW
SEE NOTES
MLA
**
LT28A
001-64621
PACKAGE OUTLINE, 28L QFN 5X5X0.8MM, LT28
10/06/10
0.05
0.025
SEE NOTE 1
3. PACKAGE WEIGHT: ~0.05gr
1.
HATCH AREA IS SOLDERABLE EXPOSED PAD
NOTES:
2. BASED ON REF JEDEC # MO-220
4. DIMENSIONS ARE IN MILLIMETERS
3.5X3.5 EPAD, SAWN
BOVS
10/06/10
001-64621 **



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com