Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISL97516 Datasheet(PDF) 40 Page - Intersil Corporation

Part # ISL97516
Description  Providing high-performance solutions for every link in the signal chain
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL97516 Datasheet(HTML) 40 Page - Intersil Corporation

Back Button ISL97516 Datasheet HTML 36Page - Intersil Corporation ISL97516 Datasheet HTML 37Page - Intersil Corporation ISL97516 Datasheet HTML 38Page - Intersil Corporation ISL97516 Datasheet HTML 39Page - Intersil Corporation ISL97516 Datasheet HTML 40Page - Intersil Corporation ISL97516 Datasheet HTML 41Page - Intersil Corporation ISL97516 Datasheet HTML 42Page - Intersil Corporation ISL97516 Datasheet HTML 43Page - Intersil Corporation ISL97516 Datasheet HTML 44Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 40 / 44 page
background image
40
Intersil Signal Path Products  2012  www.intersil.com
Power Management
► Integrated FET Switching Regulators
VDDOUT
NEN
NSYNC
GND
C0
5µF
C1
4.7µF
R1
383kΩ
R2
18.2kΩ
L1
10µH
LX
VOUT
FB
20.99V
VDD
5V
C3
4.7µF
+
+
-
-
R6
100kΩ
R5
100kΩ
5V
C2
4.7µF
- 25.35V
R4
100kΩ
R3
33.2kΩ
D1
Q1
V0
D2
D3
+
-
+
+
-
-
VOUT(positive)
20V
VOUT(negative)
-20V
ISL97701
ISL28107
ISL28107
5V
V-
V-
V+
V+
Single Output Boost Regulators
Boost Regulator
with Integrated
Schottky and Input
Disconnect Switch
Up to 2.5W Output Power Delivered in a 3x3mm TDFN
Package
A Simple Circuit to Generate Plus and Minus Supplies
Using a Boost Regulator
Single Output Boost Regulators: ISL97701
Device
Device Description
VIN Min
(V)
VIN Max
(V)
VOUT
Min
(V)
VOUT
Max (V)
Boost
Current
Limit (A)
Feedback
Voltwage &
Accuracy
Features
Package
ISL97701
Boost Regulator with Integrated Schottky
and Input Disconnect Switch
2.3
5.5
1.1 * VIN
28
1.2
1.15V
±2.6%
Integrated Schottky, Low quiescent current and
input disconnect switch for micropower shutdown 10 Ld DFN
ISL98012
Wide Input Voltage, Adjustable
Frequency Boost Regulator
1.8
13.2
4.5
17
1.4
1.33V
±3%
Adjustable Soft-Start, 380kHz to 750kHz SF, Low
battery detection
10 Ld MSOP
ISL97516
600kHz/1.2MHz PWM Step-Up Regulator
2.3
5.5
1.1* VIN
25
2
1.294V
-1.7%, +1.15%
Adjustable Soft-Start, 600kHz/1.2MHz switching
frequency
8 Ld MSOP
ISL97519
1% Output Accuracy PWM Step-Up
Regulator with 1.294V Reference
2.3
5.5
1.1* VIN
25
2
1.294V
±1%
Adjustable Soft-Start, 620kHz/1.25MHz switching
frequency
8 Ld MSOP
ISL97519A
1% Output Accuracy PWM Step-Up
Regulator with 1.24V Reference
2.3
5.5
1.1* VIN
25
2
1.24V
±1%
Adjustable Soft-Start, 620kHz/1.25MHz switching
frequency
8 Ld MSOP
ISL97656
High Current PWM Step-Up Regulator
with 1.24V Reference
2.3
5.5
1.1* VIN
25
4
1.24V
±1.6%
Adjustable Soft-Start, 640kHz/1.22MHz switching
frequency, high output current capability
10 Ld TDFN
• Up to 87% Efficiency
• 2.3V to 5.5V Input
• Up to 28V Output
• Integrated Boost Schottky Diode
• Input Voltage Disconnect Switch for
Micro Power Shutdown
• Synchronization Input
• 10 Ld 3x3 DFN Package
• Pb-free (RoHS Compliant)
Key Features
VIN (V)
2.3
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
3.2
2.9
2.6
2.3
2.0
1.7
1.4
1.1
0.8
0.5
Recommended Maximum Output Power vs Input Voltage
Reference Design to Generate a Positive and Negative Supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com