Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CDS2C15GTH Datasheet(PDF) 15 Page - EPCOS

Part # CDS2C15GTH
Description  High-speed series
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

CDS2C15GTH Datasheet(HTML) 15 Page - EPCOS

Back Button CDS2C15GTH Datasheet HTML 11Page - EPCOS CDS2C15GTH Datasheet HTML 12Page - EPCOS CDS2C15GTH Datasheet HTML 13Page - EPCOS CDS2C15GTH Datasheet HTML 14Page - EPCOS CDS2C15GTH Datasheet HTML 15Page - EPCOS CDS2C15GTH Datasheet HTML 16Page - EPCOS CDS2C15GTH Datasheet HTML 17Page - EPCOS CDS2C15GTH Datasheet HTML 18Page - EPCOS CDS2C15GTH Datasheet HTML 19Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
4
Solderability tests
Test
Standard
Test conditions /
Sn-Pb soldering
Test conditions /
Pb-free soldering
Criteria / test results
Wettability
IEC
60068-2-58
Immersion in
60/40 SnPb solder
using non-activated
flux at 215
±3 °C for
3
±0.3 s
Immersion in
Sn96.5Ag3.0Cu0.5
solder using non- or
low activated flux
at 245
±5 °C
for 3
±0.3 s
Covering of 95%
of end termination,
checked by visual
inspection
Leaching
resistance
IEC
60068-2-58
Immersion in
60/40 SnPb
solder using
mildly activated flux
without preheating
at 255
±5 °C
for 10
±1 s
Immersion in
Sn96.5Ag3.0Cu0.5
solder using non- or
low activated flux
without preheating
at 255
±5 °C
for 10
±1 s
No leaching of
contacts
Tests of
resistance to
soldering heat
for SMDs
IEC
60068-2-58
Immersion in
60/40 SnPb for 10 s
at 260
°C
Immersion in
Sn96.5Ag3.0Cu0.5
for 10 s at 260
°C
Capacitance change:
15%
≤∆C ≤15%
Note:
Leaching of the termination
Effective area at the termination might be lost if the soldering temperature and/or immersion time
are not kept within the recommended conditions. Leaching of the outer electrode should not ex-
ceed 25% of the chip end area (full length of the edge A-B-C-D) and 25% of the length A-B,
shown below as mounted on the substrate.
As single chip
As mounted on substrate
CeraDiodes
High-speed series
Page 15 of 22
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com