Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

1SMB2EZ60 Datasheet(PDF) 2 Page - Shenzhen Taychipst Electronic Co., Ltd

Part # 1SMB2EZ60
Description  GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Direct Link  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd

1SMB2EZ60 Datasheet(HTML) 2 Page - Shenzhen Taychipst Electronic Co., Ltd

  1SMB2EZ60 Datasheet HTML 1Page - Shenzhen Taychipst Electronic Co., Ltd 1SMB2EZ60 Datasheet HTML 2Page - Shenzhen Taychipst Electronic Co., Ltd 1SMB2EZ60 Datasheet HTML 3Page - Shenzhen Taychipst Electronic Co., Ltd 1SMB2EZ60 Datasheet HTML 4Page - Shenzhen Taychipst Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
6.8V-100V
5.0mA-73.5mA
1SMB2EZ6.8 THRU 1SMB2EZ100
2 of 4
E-mail: sales@taychipst.com
Web Site: www.taychipst.com
r
e
b
m
u
N
t
r
a
P
e
g
a
t
l
o
V
r
e
n
e
Z
l
a
n
i
m
o
N
e
c
n
a
d
e
p
m
I
r
e
n
e
Z
m
u
m
i
x
a
M
e
s
r
e
v
e
R
.
x
a
M
t
n
e
r
r
u
C
e
g
a
k
a
e
L
g
n
i
k
r
a
M
e
d
o
C
e
g
a
k
c
a
P
V Z @IZT
ZZT @IZT
IZT
ZZK @IZK
IZK
IR @VR
V
.
m
o
N
V
.
n
i
M
V
.
x
a
M
s
m
h
O
A
m
s
m
h
O
A
m
µA
V
s
e
d
o
i
D
r
e
n
e
Z
t
t
a
w
0
.
2
8
.
6
Z
E
2
B
M
S
1
8
.
6
6
4
.
6
4
1
.
7
2
5
.
3
7
0
0
7
0
0
.
1
0
0
.
5
0
0
.
4
6
0
0
2
B
M
S
5
.
7
Z
E
2
B
M
S
1
5
.
7
3
1
.
7
8
8
.
7
2
5
.
6
6
0
0
7
0
5
.
0
0
0
.
5
0
0
.
5
7
0
0
2
B
M
S
2
.
8
Z
E
2
B
M
S
1
2
.
8
9
7
.
7
1
6
.
8
2
0
.
1
6
0
0
7
0
5
.
0
0
0
.
5
0
0
.
6
8
0
0
2
B
M
S
7
.
8
Z
E
2
B
M
S
1
7
.
8
7
2
.
8
4
1
.
9
2
0
.
8
5
0
0
7
0
5
.
0
0
0
.
4
0
6
.
6
8
A
0
2
B
M
S
1
.
9
Z
E
2
B
M
S
1
1
.
9
5
6
.
8
6
5
.
9
3
0
.
5
5
0
0
7
0
5
.
0
0
0
.
3
0
0
.
7
9
0
0
2
B
M
S
0
1
Z
E
2
B
M
S
1
0
1
0
5
.
.
9
0
5
.
0
1
4
0
.
0
5
0
0
7
5
2
.
0
0
0
.
3
0
6
.
7
0
1
0
2
B
M
S
1
1
Z
E
2
B
M
S
1
1
1
5
4
.
0
1
5
5
.
1
1
4
5
.
5
4
0
0
7
5
2
.
0
0
0
.
1
0
4
.
8
1
1
0
2
B
M
S
2
1
Z
E
2
B
M
S
1
2
1
0
4
.
1
1
0
6
.
2
1
5
5
.
1
4
0
0
7
5
2
.
0
0
0
.
1
0
1
.
9
2
1
0
2
B
M
S
3
1
Z
E
2
B
M
S
1
3
1
5
3
.
2
1
5
6
.
3
1
5
5
.
8
3
0
0
7
5
2
.
0
0
5
.
0
0
9
.
9
3
1
0
2
B
M
S
4
1
Z
E
2
B
M
S
1
4
1
0
3
.
3
1
0
7
.
4
1
6
7
.
5
3
0
0
7
5
2
.
0
0
5
.
0
0
6
.
0
1
4
1
0
2
B
M
S
5
1
Z
E
2
B
M
S
1
5
1
5
2
.
4
1
5
7
.
5
1
7
4
.
3
3
0
0
7
5
2
.
0
0
5
.
0
0
4
.
1
1
5
1
0
2
B
M
S
6
1
Z
E
2
B
M
S
1
6
1
0
2
.
5
1
0
8
.
6
1
8
2
.
1
3
0
0
7
5
2
.
0
0
5
.
0
0
2
.
2
1
6
1
0
2
B
M
S
7
1
Z
E
2
B
M
S
1
7
1
5
1
.
6
1
5
8
.
7
1
9
4
.
9
2
0
5
7
5
2
.
0
0
5
.
0
0
0
.
3
1
7
1
0
2
B
M
S
8
1
Z
E
2
B
M
S
1
8
1
0
1
.
7
1
0
9
.
8
1
0
1
8
.
7
2
0
5
7
5
2
.
0
0
5
.
0
0
7
.
3
1
8
1
0
2
B
M
S
9
1
Z
E
2
B
M
S
1
9
1
5
0
.
8
1
5
9
.
9
1
1
1
3
.
6
2
0
5
7
5
2
.
0
0
5
.
0
0
4
.
4
1
9
1
0
2
B
M
S
0
2
Z
E
2
B
M
S
1
0
2
0
0
.
9
1
0
0
.
1
2
1
1
0
.
5
2
0
5
7
5
2
.
0
0
5
.
0
0
2
.
5
1
0
2
0
2
B
M
S
2
2
Z
E
2
B
M
S
1
2
2
0
9
.
0
2
0
1
.
3
2
2
1
8
.
2
2
0
5
7
5
2
.
0
0
5
.
0
0
7
.
6
1
2
2
0
2
B
M
S
4
2
Z
E
2
B
M
S
1
4
2
0
8
.
2
2
0
2
.
5
2
3
1
8
.
0
2
0
5
7
5
2
.
0
0
5
.
0
0
2
.
8
1
4
2
0
2
B
M
S
5
2
Z
E
2
B
M
S
1
5
2
5
7
.
3
2
5
2
.
6
2
4
1
0
.
0
2
0
5
7
5
2
.
0
0
5
.
0
0
0
.
9
1
5
2
0
2
B
M
S
7
2
Z
E
2
B
M
S
1
7
2
5
6
.
5
2
5
3
.
8
2
8
1
5
.
8
1
0
5
7
5
2
.
0
0
5
.
0
0
6
.
0
2
7
2
0
2
B
M
S
8
2
Z
E
2
B
M
S
1
8
2
0
6
.
6
2
0
4
.
9
2
8
1
0
.
7
1
0
5
7
5
2
.
0
0
5
.
0
0
3
.
1
2
8
2
0
2
B
M
S
0
3
Z
E
2
B
M
S
1
0
3
0
5
.
8
2
0
5
.
1
3
0
2
6
.
6
1
0
0
0
1
5
2
.
0
0
5
.
0
0
5
.
2
2
0
3
0
2
B
M
S
3
3
Z
E
2
B
M
S
1
3
3
5
3
.
1
3
5
6
.
4
3
3
2
1
.
5
1
0
0
0
1
5
2
.
0
0
5
.
0
0
1
.
5
2
3
3
0
2
B
M
S
6
3
Z
E
2
B
M
S
1
6
3
0
2
.
4
3
0
8
.
7
3
5
2
9
.
3
1
0
0
0
1
5
2
.
0
0
5
.
0
0
4
.
7
2
6
3
0
2
B
M
S
9
3
Z
E
2
B
M
S
1
9
3
5
0
.
7
3
5
9
.
0
4
0
3
8
.
2
1
0
0
0
1
5
2
.
0
0
5
.
0
0
7
.
9
2
9
3
0
2
B
M
S
3
4
Z
E
2
B
M
S
1
3
4
5
8
.
0
4
5
1
.
5
4
5
3
6
.
1
1
0
0
5
1
5
2
.
0
0
5
.
0
0
7
.
2
3
3
4
0
2
B
M
S
7
4
Z
E
2
B
M
S
1
7
4
5
6
.
4
4
5
3
.
9
4
0
4
6
.
0
1
0
0
5
1
5
2
.
0
0
5
.
0
0
8
.
5
3
7
4
0
2
B
M
S
1
5
Z
E
2
B
M
S
1
1
5
5
4
.
8
4
5
5
.
3
5
8
4
8
.
9
0
0
5
1
5
2
.
0
0
5
.
0
0
8
.
8
3
1
5
0
2
B
M
S
6
5
Z
E
2
B
M
S
1
6
5
0
2
.
3
5
0
8
.
8
5
5
5
0
.
9
0
0
0
2
5
2
.
0
0
5
.
0
0
6
.
2
4
6
5
0
2
B
M
S
0
6
Z
E
2
B
M
S
1
0
6
0
0
.
7
5
0
0
.
3
6
8
5
5
.
8
0
0
0
2
5
2
.
0
0
5
.
0
0
6
.
5
4
0
6
0
2
B
M
S
2
6
Z
E
2
B
M
S
1
2
6
0
9
.
8
5
0
1
.
5
6
0
6
1
.
8
0
0
0
2
5
2
.
0
0
5
.
0
0
1
.
7
4
2
6
0
2
B
M
S
8
6
Z
E
2
B
M
S
1
8
6
0
6
.
4
6
0
4
.
1
7
5
7
4
.
7
0
0
0
2
5
2
.
0
0
5
.
0
0
7
.
1
5
8
6
0
2
B
M
S
5
7
Z
E
2
B
M
S
1
5
7
5
2
.
1
7
5
7
.
8
7
0
9
7
.
6
0
0
0
2
5
2
.
0
0
5
.
0
0
0
.
6
5
5
7
0
2
B
M
S
2
8
Z
E
2
B
M
S
1
2
8
0
9
.
7
7
0
1
.
6
8
0
0
1
1
.
6
0
0
0
3
5
2
.
0
0
5
.
0
0
2
.
2
6
2
8
0
2
B
M
S
7
8
Z
E
2
B
M
S
1
7
8
5
6
.
2
8
5
3
.
1
9
0
2
1
8
.
5
0
0
0
3
5
2
.
0
0
5
.
0
0
1
.
6
6
7
8
0
2
B
M
S
1
9
Z
E
2
B
M
S
1
1
9
5
4
.
6
8
5
5
.
5
9
5
2
1
5
.
5
0
0
0
3
5
2
.
0
0
5
.
0
0
2
.
9
6
1
9
0
2
B
M
S
0
0
1
Z
E
2
B
M
S
1
0
0
1
0
0
.
5
9
0
0
.
5
0
1
5
7
1
0
.
5
0
0
0
3
5
2
.
0
0
5
.
0
0
0
.
6
7
0
0
1
2
B
M
S
GLASS PASSIVATED JUNCTION SILICON ZENER DIODES



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com