Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SLIN-12F2AX Datasheet(PDF) 6 Page - Bel Fuse Inc.

Part # SLIN-12F2AX
Description  2.4 Vdc - 5.5 Vdc Input, 0.6 Vdc - 3.63 Vdc /12 A Output
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

SLIN-12F2AX Datasheet(HTML) 6 Page - Bel Fuse Inc.

Back Button SLIN-12F2AX Datasheet HTML 2Page - Bel Fuse Inc. SLIN-12F2AX Datasheet HTML 3Page - Bel Fuse Inc. SLIN-12F2AX Datasheet HTML 4Page - Bel Fuse Inc. SLIN-12F2AX Datasheet HTML 5Page - Bel Fuse Inc. SLIN-12F2AX Datasheet HTML 6Page - Bel Fuse Inc. SLIN-12F2AX Datasheet HTML 7Page - Bel Fuse Inc. SLIN-12F2AX Datasheet HTML 8Page - Bel Fuse Inc. SLIN-12F2AX Datasheet HTML 9Page - Bel Fuse Inc. SLIN-12F2AX Datasheet HTML 10Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302
• Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
6
NON-ISOLATED DC/DC CONVERTERS
2.4 Vdc - 5.5 Vdc Input, 0.6 Vdc - 3.63 Vdc /12 A Output
December 2, 2010
Bel Power Inc., a subsidiary of Bel Fuse Inc.
Thermal Derating Curves
8
9
10
11
12
13
25
35
45
55
65
75
85
NC
0.5m/s
(100LFM)
1m/s
(200LFM)
2m/s
(400LFM)
8
9
10
11
12
13
25
35
45
55
65
75
85
NC
0.5m/s
(100LFM)
1m/s
(200LFM)
2m/s
(400LFM)
AMBIENT TEMPERATURE, TA
OC
AMBIENT TEMPERATURE, TA
OC
Vo=0.6V
Vo=1.2V
8
9
10
11
12
13
25
35
45
55
65
75
85
NC
0.5m/s
(100LFM)
1m/s
(200LFM)
2m/s
(400LFM)
8
9
10
11
12
13
25
35
45
55
65
75
85
NC
0.5m/s
(100LFM)
1m/s
(200LFM)
2m/s
(400LFM)
AMBIENT TEMPERATURE, TA
OC
AMBIENT TEMPERATURE, TA
OC
Vo=1.8V
Vo=2.5V
8
9
10
11
12
13
25
35
45
55
65
75
85
NC
0.5m/s
(100LFM)
1m/s
(200LFM)
2m/s
(400LFM)
AMBIENT TEMPERATURE, TA
OC
Vo=3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com