Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GP08A Datasheet(PDF) 1 Page - Shenzhen Taychipst Electronic Co., Ltd

Part # GP08A
Description  GLASS PASSIVATED JUNCTION RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Direct Link  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd

GP08A Datasheet(HTML) 1 Page - Shenzhen Taychipst Electronic Co., Ltd

  GP08A Datasheet HTML 1Page - Shenzhen Taychipst Electronic Co., Ltd GP08A Datasheet HTML 2Page - Shenzhen Taychipst Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
50V-600V
0.8A
GP08A THRU GP08J
Web Site: www.taychipst.com
1 of 2
FEATURES
E-mail: sales@taychipst.com
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
MECHANICAL DATA
♦ Plastic package has
Underwriters Laboratory
Flammability Classification 94V-0
♦ High temperature metallurgically
bonded construction
♦ Glass passivated cavity-free junctions
♦ Capable of meeting environmental standards of
MIL-S-19500
♦ High temperature soldering guaranteed:
350°C/10 seconds, 0.375" (9.5mm) lead length,
5 lbs. (2.3kg) tension
Case: JEDEC DO-204AL molded plastic over glass body
Terminals: Plated axial leads, solderable per MIL-STD-750,
Method 2026
Polarity: Color band denotes cathode end
Mounting Position: Any
Weight: 0.012 ounce, 0.3 gram
Ratings at 25°C ambient temperature unless otherwise specified.
SYMBOLS
GP08A
GP08B
GP08D
GP08G
GP08J
UNITS
Maximum repetitive peak reverse voltage
VRRM
50
100
200
400
600
Volts
Maximum RMS voltage
VRMS
35
70
140
280
420
Volts
Maximum DC blocking voltage
VDC
50
100
200
400
600
Volts
Maximum average forward rectified current
0.375" (9.5mm) lead length at TA =55°C
I(AV)
0 .8
Amp
Peak forward surge current
8.3ms single half sine-wave superimposed
on rated load (JEDEC Method) at TA=55°C
IFSM
25.0
Amps
Maximum instantaneous forward voltage at 0.8A
VF
1.3
Volts
Maximum full load reverse current full cycle
average 0.375" (9.5mm) lead length at
TA=55°C
IR(AV)
30.0
µA
Maximum DC reverse current
TA=25°C
5.0
at rated DC blocking voltage
TA=125°C
IR
50.0
µA
Typical reverse recovery time (NOTE 1)
trr
2.0
µs
Typical junction capacitance (NOTE 2)
CJ
8.0
pF
Typical thermal resistance (NOTE 3)
R
ΘJA
55.0
°C/W
Operating junction and storage temperature range
TJ, TSTG
-65 to +175
°C
NOTES:
(1) Measure on IF =0.5A, IR =1.0A, Irr = 0.25A
(2) Measured at 1.0 MHz and applied reverse voltage of 4.0 Volts
(3) Thermal resistance from junction to ambient at 0.375" (9.5mm) lead length, P.C.B. mounted
GLASS PASSIVATED JUNCTION RECTIFIER


Similar Part No. - GP08A

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
GP08A GE-GP08A Datasheet
60Kb / 2P
GP02
logo
First Components Intern...
GP08A FCI-GP08A Datasheet
161Kb / 2P
0.8 Amp MEGARECTIFIERS
logo
Gulf Semiconductor
GP08A GULFSEMI-GP08A Datasheet
136Kb / 2P
SINTERED GLASS JUNCTION PLASTIC RECTIFIER VOLTAGE:50 TO 600V CURRENT: 0.8A
logo
Vishay Siliconix
GP08A VISHAY-GP08A Datasheet
81Kb / 5P
Glass Passivated Junction Rectifier
26-Jan-2022
logo
VoltarisTech Inc
GP08A VOLTARISTECH-GP08A Datasheet
289Kb / 2P
SINTERED GLASS JUNCTION PLASTIC RECTIFIER
Rev.A4
More results

Similar Description - GP08A

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
1N4245GP GE-1N4245GP Datasheet
61Kb / 2P
GLASS PASSIVATED JUNCTION RECTIFIER
1N5059 GE-1N5059 Datasheet
52Kb / 2P
GLASS PASSIVATED JUNCTION RECTIFIER
1N5624GP GE-1N5624GP Datasheet
59Kb / 2P
GLASS PASSIVATED JUNCTION RECTIFIER
G2A GE-G2A Datasheet
52Kb / 2P
GLASS PASSIVATED JUNCTION RECTIFIER
logo
GOOD-ARK Electronics
6A05G GOOD-ARK-6A05G Datasheet
164Kb / 2P
GLASS PASSIVATED JUNCTION RECTIFIER
RL151G GOOD-ARK-RL151G Datasheet
45Kb / 2P
GLASS PASSIVATED JUNCTION RECTIFIER
RL251G GOOD-ARK-RL251G Datasheet
46Kb / 2P
GLASS PASSIVATED JUNCTION RECTIFIER
logo
Shenzhen Taychipst Elec...
GP15A TAYCHIPST-GP15A Datasheet
4Mb / 2P
GLASS PASSIVATED JUNCTION RECTIFIER
GP20A TAYCHIPST-GP20A Datasheet
4Mb / 2P
GLASS PASSIVATED JUNCTION RECTIFIER
logo
New Jersey Semi-Conduct...
G3A NJSEMI-G3A Datasheet
89Kb / 1P
Glass Passivated Junction Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com