Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MUR405 Datasheet(PDF) 2 Page - Shenzhen Taychipst Electronic Co., Ltd

Part # MUR405
Description  SWITCHMODE Power Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Direct Link  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd

MUR405 Datasheet(HTML) 2 Page - Shenzhen Taychipst Electronic Co., Ltd

  MUR405 Datasheet HTML 1Page - Shenzhen Taychipst Electronic Co., Ltd MUR405 Datasheet HTML 2Page - Shenzhen Taychipst Electronic Co., Ltd MUR405 Datasheet HTML 3Page - Shenzhen Taychipst Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2 of 3
RATINGS AND CHARACTERISTIC CURVES MUR405 MUR410
MUR415 MUR420 MUR440 MUR460
E-mail: sales@taychipst.com
Web Site: www.taychipst.com
50V-600V
4.0A
MUR405, MUR410, MUR415,
MUR420, MUR440, MUR460
SWITCHMODE Power Rectifiers
Figure 1. Typical Forward Voltage
vF, INSTANTANEOUS VOLTAGE (V)
0.3
0.6
0.4
0.8
30
0.1
0.3
0.2
2.0
1.0
100
20
7.0
3.0
0.5
5.0
50
VR, REVERSE VOLTAGE (V)
060
40
100
120
40
80
0.008
0.004
0.002
0.8
0.4
0.2
20
4.0
2.0
8.0
TJ = 175°C
20
80
200
Figure 2. Typical Reverse Current
TA, AMBIENT TEMPERATURE (°C)
Figure 3. Current Derating
(Mounting Method #3 Per Note 2)
Figure 4. Power Dissipation
0
2.0
1.0
2.0
3.0
4.0
0
4.0
6.0
8.0
IF(AV), AVERAGE FORWARD CURRENT (A)
Figure 5. Typical Capacitance
0.7
10
70
1.0
1.1
1.2
100
°C
TJ = 175°C
25
°C
160
180
140
0.08
0.04
0.02
100
°C
25
°C
dc
SQUAREWAVE
1.0
3.0
5.0
7.0
5.0
6.0
7.0
8.0
0.2
0.5
0.7
0.9
200
20
30
40
10
VR, REVERSE VOLTAGE (V)
50
60
70
80
90
100
20
30
50
40
0
TJ = 25°C
9.0
10
5.0
10
IPK
IAV
(Capacitive
Load)
=20
0
1
2
3
4
5
6
7
8
0
20
40
60
80
100
120
140
160
180
200
Rated VR
RqJA = 28°C/W
SQUAREWAVE
DC



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com