Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TC7USB221FT Datasheet(PDF) 7 Page - Toshiba Semiconductor

Part # TC7USB221FT
Description  Dual SPDT USB Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7USB221FT Datasheet(HTML) 7 Page - Toshiba Semiconductor

Back Button TC7USB221FT Datasheet HTML 3Page - Toshiba Semiconductor TC7USB221FT Datasheet HTML 4Page - Toshiba Semiconductor TC7USB221FT Datasheet HTML 5Page - Toshiba Semiconductor TC7USB221FT Datasheet HTML 6Page - Toshiba Semiconductor TC7USB221FT Datasheet HTML 7Page - Toshiba Semiconductor TC7USB221FT Datasheet HTML 8Page - Toshiba Semiconductor TC7USB221FT Datasheet HTML 9Page - Toshiba Semiconductor TC7USB221FT Datasheet HTML 10Page - Toshiba Semiconductor TC7USB221FT Datasheet HTML 11Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
TC7USB221FT
2009-11-16
7
Figure 3 : Break Before Make (TBBM)
Output
D+, D-
1D+, 1D-
Control
GND
2D+, 2D-
OE
S
VCC
Input
0.8 V
VOL
VOH
0 V
VCC
TBBM
Input
(S)
Output
(D+, D-)
90%
90%
TBBM
90%
90%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com