| Electronic Components Datasheet Search |
|
STN3NF06 Datasheet(PDF) 6 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STN3NF06 Datasheet(HTML) 6 Page - STMicroelectronics |
|
6 / 34 page ![]() Hardware AN3151 6/34 Doc ID 17051 Rev 1 Four DC-DC buck converters allow 4 LED strings to be driven, managing up to 120 W. From a 48 DC input voltage the buck stage adapts the output voltage in order to drive the LEDs with the imposed current. 3 W LEDs have been chosen in order to obtain 30 W per string, covering the total power with 10 LEDs [4] in series on each string. The buck stage works in continuous conduction mode (CCM) in order to minimize the current ripple on the LEDs. The inverse buck stage offers: ● Low voltage sensing circuitry ● Logic level MOSFETs driven by the microcontroller without a gate driver (ground referred) ● High efficiency of up to 98 % The LED current, to be measured by the microcontroller, is sensed by a ground referred shunt resistor. This solution allows the current reading only when the MOSFET is on. This is an important aspect to be evaluated for the current reading methodology to be described. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |