Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TC7W74F Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TC7W74F
Description  D-Type Flip Flop with Preset and Clear
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7W74F Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TC7W74F_09 Datasheet HTML 1Page - Toshiba Semiconductor TC7W74F_09 Datasheet HTML 2Page - Toshiba Semiconductor TC7W74F_09 Datasheet HTML 3Page - Toshiba Semiconductor TC7W74F_09 Datasheet HTML 4Page - Toshiba Semiconductor TC7W74F_09 Datasheet HTML 5Page - Toshiba Semiconductor TC7W74F_09 Datasheet HTML 6Page - Toshiba Semiconductor TC7W74F_09 Datasheet HTML 7Page - Toshiba Semiconductor TC7W74F_09 Datasheet HTML 8Page - Toshiba Semiconductor TC7W74F_09 Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
TC7W74F/FU/FK
2009-09-30
2
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Supply voltage range
VCC
−0.5 to 7
V
DC input voltage
VIN
−0.5 to VCC + 0.5
V
DC output voltage
VOUT
−0.5 to VCC + 0.5
V
Input diode current
IIK
±20
mA
Output diode current
IOK
±20
mA
DC output current
IOUT
±25
mA
DC VCC/ground current
ICC
±25
mA
300 (FM8, SM8)
Power dissipation
PD
200 (US8)
mW
Storage temperature range
Tstg
−65 to 150
°C
Lead temperature (10 s)
TL
260
°C
Note: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even if
the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum
ratings and the operating ranges.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Pin Configuration (top view)
Logic Diagram
CLR
6
PR
7
1
CK
2
D
4
GND
VCC
8
Q
5
3
Q
S
C
D
R
PR
CK
Q
(7)
(1)
(5)
CLR
Q
(2)
(6)
(3)
D



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com