Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

P2SMA130A Datasheet(PDF) 2 Page - Shenzhen Taychipst Electronic Co., Ltd

Part # P2SMA130A
Description  Surface Mount Transient Voltage Suppressors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Direct Link  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd

P2SMA130A Datasheet(HTML) 2 Page - Shenzhen Taychipst Electronic Co., Ltd

  P2SMA130A Datasheet HTML 1Page - Shenzhen Taychipst Electronic Co., Ltd P2SMA130A Datasheet HTML 2Page - Shenzhen Taychipst Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATINGS AND CHARACTERISTIC CURVES
P2SMA130A THRU P2SMA220A
2 of 2
E-mail: sales@taychipst.com
Web Site: www.taychipst.com
Fig. 1 - Peak Pulse Power Rating Curve
Fig. 2 - Pulse Derating Curve
0.01
1
10
100
td - Pulse Width (μs)
0.1
1
10
100
1000
10 000
0.2" x 0.2" (5.0 mm x 5.0 mm) off
Voltage, V
WM Copper Pad Areas
0.1
0
255075
100
100
75
50
25
0
125
150
175
TJ - Initial Temperature (°C)
Fig. 3 - Pulse Waveform
Fig. 4 - Typical Junction Capacitance
Fig. 5 - Typical Transient Thermal Impedance
Fig. 6 - Power Derating Curve
0
1.0
2.0
3.0
4.0
0
50
100
150
t
d
t - Time (ms)
t
r = 10 μs
Peak Value
I
PPM
Half Value -
I
PPM
I
PP
2
T
J = 25 °C
Pulse Width (t
d)
is Defined as the Point
Where the Peak Current
Decays to 50 % of I
PPM
t
r = 8 μs
t
d = 1000 μs
t
d = 20 μs
1
10
100
120
200
VWM - Reverse Stand-Off Voltage (V)
Measured at Stand-off
Voltage V
WM
T
J = 25 °C
f = 1.0 MHz
V
sig = 50 mVp-p
210
200
190
180
170
160
150
140
130
Measured at Zero Bias
1
10
100
1000
0.01
0.1
1
10
100
1000
tp - Pulse Duration (s)
0
175
0
0.6
TA - Ambient Temperature (°C)
0.5
0.4
0.3
0.2
0.1
150
125
100
75
50
25
FR-4 Board, on Minimum
Recommended Pad Layout
130V-220V 200W
Surface Mount
P2SMA130A THRU P2SMA220A
Transient Voltage Suppressors



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com