Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISL29038 Datasheet(PDF) 9 Page - Xicor Inc.

Part # ISL29038
Description  Low Power Ambient Light and Proximity Sensor with Enhanced Infrared Rejection
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

ISL29038 Datasheet(HTML) 9 Page - Xicor Inc.

Back Button ISL29038 Datasheet HTML 5Page - Xicor Inc. ISL29038 Datasheet HTML 6Page - Xicor Inc. ISL29038 Datasheet HTML 7Page - Xicor Inc. ISL29038 Datasheet HTML 8Page - Xicor Inc. ISL29038 Datasheet HTML 9Page - Xicor Inc. ISL29038 Datasheet HTML 10Page - Xicor Inc. ISL29038 Datasheet HTML 11Page - Xicor Inc. ISL29038 Datasheet HTML 12Page - Xicor Inc. ISL29038 Datasheet HTML 13Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
ISL29038
9
FN7851.0
October 12, 2012
RO
[7]
PROX_INT_FLG
Proximity Interrupt Flag
[1]
Proximity Interrupt Event
[0]
No Proximity Interrupt Event
RW
[6:5]
PROX_PRST
Proximity Interrupt Reporting Persistency
[00]
INT after 1 Proximity Flag Event
[01]
INT after 2 Consecutive Proximity Flag Event
[10]
INT after 4 Consecutive Proximity Flag Event
[11]
INT after 8 Consecutive Proximity Flag Event
RO
[4]
PWR_FAIL
Power Failure (Brown-out) Alarm
[1]
Brown-Out Detected
[0]
Normal Operation
RO
[3]
ALS_INT_FLG
Ambient Light Sensor Interrupt Flag
[1]
ALS Interrupt Flag Event
[0]
No ALS Interrupt Flag Event
RW
[2:1]
ALS_INT_PRST
ALS Interrupt Reporting Persistency
[00]
INT after 1 ALS Flag Event
[01]
INT after 2 Consecutive ALS Flag Event
[10]
INT after 4 Consecutive ALS Flag Event
[11]
INT after 8 Consecutive ALS Flag Event
RW
[0]
INT_CFG
Interrupt Output (Pin) Configuration
[1]
Interrupt if ALS and PROX Event
[0]
Interrupt if ALS or PROX Event
0x05
PROX_INT_TL
0x00
RW
[7:0]
PROX_INT_TL
Proximity Interrupt LOW threshold
0x06
PROX_INT_TH
0xFF
RW
[7:0]
PROX_INT_TH
Proximity Interrupt HIGH threshold
0x07
ALS_INT_TL
0x00
RW
[7:0]
ALS_INT_TL1
ALS Interrupt LOW threshold bit[11:4]
0x08
ALS_INT_TLH
0x0F
RW
[7:0]
ALS Interrupt LOW/HIGH threshold bits
[7:4]
ALS_INT_TL0
ALS Interrupt LOW threshold bit[3:0]
[3:0]
ALS_INT_TH1
ALS Interrupt HIGH threshold bit[11:8]
0x09
ALS_INT_TH
0xFF
RW
[7:0]
ALS_INT_TH0
ALS Interrupt HIGH threshold bit[7:0]
0x0A
PROX_DATA
RO
[7:0]
PROX_DATA
Proximity Data (Unsigned Binary)
0x0B
ALS_DATA_HB
RO
[7:0]
ALS_DATA_HB
ALS Data HIGH Byte
[7:4]
Set to 0000
[3:0]
ALS Data Bit[11:8]
0x0C
ALS_DATA_LB
RO
[7:0]
ALS_DATA_LB
ALS Data Bit[7:0]
0x0D
PROX_AMBIR
RO
[7:0]
PROX_AMBIR
Proximity Mode Ambient IR Measurement
[7:1]
Proximity Mode Ambient IR Component
RO
[0]
PROX_WASH
Proximity Washout Status
[1]
Proximity Washout Detected
[0]
Normal Proximity Operation
0x0E
Config3
0x00
[7:0]
SoftReset
Software Reset
0x38
Initiate Soft Reset
0x00
Normal operation
TABLE 1. ISL29038 CONFIGURATION AND CONTROL REGISTERS (Continued)
ADDRESS
(HEX)
REGISTER NAME
POWER-ON
DEFAULT
REGISTER
ACCESS
BIT
FIELDS
FUNCTION
NAME/VALUE
FUNCTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com