Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HSB220 Datasheet(PDF) 2 Page - Hi-Sincerity Mocroelectronics

Part # HSB220
Description  Schottky Barrier Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HSMC [Hi-Sincerity Mocroelectronics]
Direct Link  http://www.hsmc.com.tw
Logo HSMC - Hi-Sincerity Mocroelectronics

HSB220 Datasheet(HTML) 2 Page - Hi-Sincerity Mocroelectronics

  HSB220 Datasheet HTML 1Page - Hi-Sincerity Mocroelectronics HSB220 Datasheet HTML 2Page - Hi-Sincerity Mocroelectronics HSB220 Datasheet HTML 3Page - Hi-Sincerity Mocroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : HL200707
Issued Date : 2007.04.01
Revised Date : 2009.03.24
Page No. : 2/3
HSB220 thru HSB2100
HSMC Product Specification
Forward Current Derating Curve
0
0.5
1
1.5
2
2.5
0
25
50
75
100
125
150
175
Lead Temperature(℃)
Resistive or Inductive Load
0.375” (9.5mm) lead length
Maximum Non-repetitive Peak
Forward Surge Current
0
20
40
60
80
110
Number of Cycles at 60Hz
100
TJ=TJ max. 8.3ms
single half sine-wave
(JEDECMethod)
Typical Reverse Characteristics
0.001
0.01
0.1
1
10
0
20
40
60
80
100
120
140
Percent of Rated Peak Reverse Voltage(%)
Tj=125
Tj=75
Tj=25
Typical Instantaneous
Forward Characteristics Per Leg
0.01
0.1
1
10
0.00.2
0.40.6
0.8
1.0
VF,Forward Voltage(V)
20-40V
80-100V
50-60V
Typical Transient Thermal Impedance
0.1
1
10
100
0 .01
0.1
1
10
100
t,Pulse Duration(sec.)
Typical Junction Capacitance
1
10
100
1000
0.1
1
10
100
Reverse Voltage(V)
TJ=25oC, f=1MHz
Vsig=50mVp-p



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com