Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC5674F Datasheet(PDF) 39 Page - Freescale Semiconductor, Inc

Part # MPC5674F
Description  MPC5674F Microcontroller Data Sheet
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5674F Datasheet(HTML) 39 Page - Freescale Semiconductor, Inc

Back Button MPC5674F_12 Datasheet HTML 35Page - Freescale Semiconductor, Inc MPC5674F_12 Datasheet HTML 36Page - Freescale Semiconductor, Inc MPC5674F_12 Datasheet HTML 37Page - Freescale Semiconductor, Inc MPC5674F_12 Datasheet HTML 38Page - Freescale Semiconductor, Inc MPC5674F_12 Datasheet HTML 39Page - Freescale Semiconductor, Inc MPC5674F_12 Datasheet HTML 40Page - Freescale Semiconductor, Inc MPC5674F_12 Datasheet HTML 41Page - Freescale Semiconductor, Inc MPC5674F_12 Datasheet HTML 42Page - Freescale Semiconductor, Inc MPC5674F_12 Datasheet HTML 43Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 133 page
background image
Electrical Characteristics
MPC5674F Microcontroller Data Sheet, Rev. 9
Freescale Semiconductor
39
4.9.1
ADC Internal Resource Measurements
Table 20. Power Management Control (PMC) Specification
Spec
Characteristic
Symbol
Min
Typical
Max
Unit
PMC Normal Mode
1
Bandgap 0.62 V
ADC0 channel 145
VADC145
—
0.62
—
V
2
Bandgap 1.2 V
ADC0 channel 146
VADC146
—
1.22
—
V
3
Vreg1p2 Feedback
ADC0 channel 147
VADC147
—
VDD /2.045
—
V
4LVD 1.2 V
ADC0 channel 180
VADC180
—
VDD /1.774
—
V
5
Vreg3p3 Feedback
ADC0 channel 181
VADC181
—
Vreg3p3 / 5.460
—
V
6LVD 3.3 V
ADC0 channel 182
VADC182
—
Vreg3p3 / 4.758
—V
7LVD 5.0 V
ADC0 channel 183
— LDO mode
— SMPS mode
VADC183
—
VDDREG / 4.758
VDDREG/7.032
—
V
Table 21. Standby RAM Regulator Electrical Specifications
Spec
Characteristic
Symbol
Min
Typ
Max
Unit
Normal Mode
1
Standby Regulator Output
ADC1 channel 194
VADC194
—
1.2
—
V
2
Standby Source Bias
150 mV to 360 mV (30mV Increment @
vref_sel)
ADC1 channel 195
Default Value 150 mV (@vref_sel = 1 1 1)
VADC195
150
—
360
mV
3
Standby Brownout Reference
ADC1 channel 195
VADC195
500
—
850
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com