Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PSMS05C Datasheet(PDF) 1 Page - Protek Devices

Part # PSMS05C
Description  MULTI-LINE TVS ARRAY
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PSMS05C Datasheet(HTML) 1 Page - Protek Devices

  PSMS05C Datasheet HTML 1Page - Protek Devices PSMS05C Datasheet HTML 2Page - Protek Devices PSMS05C Datasheet HTML 3Page - Protek Devices PSMS05C Datasheet HTML 4Page - Protek Devices PSMS05C Datasheet HTML 5Page - Protek Devices PSMS05C Datasheet HTML 6Page - Protek Devices PSMS05C Datasheet HTML 7Page - Protek Devices PSMS05C Datasheet HTML 8Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05095.R9 10/12
Page 1
PSMS05 & PSMS05C
MULTI-LINE TVS ARRAY
DESCRIPTIoN
The PSMS05 and PSMS05C are subminiature monolithic TVS suppressor arrays designed for the protection of sensitive
IC components from the damaging effects of Electrostatic Discharge (ESD). These devices are ideally suited for use in
portable electronics such as SMART phones, laptops, and other wireless devices.
The PSMS05 and PSMSxxC are usable on I/O ports where the signal voltage is positive. These devices will also provide
protection in accordance with IEC 61000-4-2 and IEC 61000-4-4 requirements. These devices are available in a SOT-
23-6 package configuration and is rated at 350 Watts peak pulse power (8/20µs) per line.
FEATURES
• Compatible with IEC 61000-4-2 (ESD): Air 15kV, Contact 8kV
• Compatible with IEC 61000-4-4 (EFT): 40A, 5/50ns
• Compatible with IEC 61000-4-5 (Surge): 12A, 8/20µs - Level 1(Line-
Gnd) & Level 2(Line-Line)
• 350 Watts Peak Pulse Power per Line(tp = 8/20µs)
• Monolithic Design
• Protects 4 Lines or 5 Lines
• Unidirectional & Bidirectional Configurations
• ESD Protection > 25 kilovolts
• Low Clamping Voltage
• Low Leakage Current
• RoHS Compliant
• REACH Compliant
MEChANICAL ChARACTERISTICS
• Molded JEDEC SOT-23-6 Package
• Approximate Weight: 16 milligrams
• Lead-Free Pure-Tin Plating (Annealed)
• Solder Reflow Temperature:
Pure-Tin - Sn, 100: 260-270°C
• Flammability Rating UL 94V-0
• 8mm Tape and Reel per EIA Standard 481
APPLICATIoNS
• SMART Phones
• Portable Electronics
• FireWire, Ethernet and USB Interfaces
PIN CoNFIGURATIoNS
SoT-23-6 PACkAGE
1
6
5
2
3
4
1
6
5
2
3
4
UNIDIRECTIONAL
BIDIRECTIONAL


Similar Part No. - PSMS05C

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PSMS05C PROTEC-PSMS05C Datasheet
183Kb / 5P
STANDARD CAPACITANCE TVS ARRAY
PSMS05C PROTEC-PSMS05C Datasheet
87Kb / 5P
STANDARD CAPACITANCE TVS ARRAY
PSMS05C PROTEC-PSMS05C Datasheet
710Kb / 8P
MULTI-LINE TVS ARRAY
PSMS05C-LF-T7 PROTEC-PSMS05C-LF-T7 Datasheet
87Kb / 5P
STANDARD CAPACITANCE TVS ARRAY
PSMS05C-T7 PROTEC-PSMS05C-T7 Datasheet
87Kb / 5P
STANDARD CAPACITANCE TVS ARRAY
More results

Similar Description - PSMS05C

ManufacturerPart #DatasheetDescription
logo
Protek Devices
CP05 PROTEC-CP05_11 Datasheet
705Kb / 8P
MULTI-LINE TVS ARRAY
MSMF05 PROTEC-MSMF05_11 Datasheet
518Kb / 6P
MULTI-LINE TVS ARRAY
MSMF05C PROTEC-MSMF05C_11 Datasheet
540Kb / 6P
MULTI-LINE TVS ARRAY
PAM20ST6305 PROTEC-PAM20ST6305 Datasheet
565Kb / 6P
MULTI-LINE TVS ARRAY
PSMS05 PROTEC-PSMS05_11 Datasheet
710Kb / 8P
MULTI-LINE TVS ARRAY
SMF05C PROTEC-SMF05C_11 Datasheet
672Kb / 7P
MULTI-LINE TVS ARRAY
SMS05 PROTEC-SMS05_11 Datasheet
707Kb / 8P
MULTI-LINE TVS ARRAY
CP05 PROTEC-CP05_12 Datasheet
710Kb / 8P
MULTI-LINE TVS ARRAY
MSMF05 PROTEC-MSMF05_12 Datasheet
541Kb / 6P
MULTI-LINE TVS ARRAY
SMS05 PROTEC-SMS05_12 Datasheet
710Kb / 8P
MULTI-LINE TVS ARRAY
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com