Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IS61WV3216DBLL/DBLS Datasheet(PDF) 13 Page - Integrated Silicon Solution, Inc

Part # IS61WV3216DBLL/DBLS
Description  32K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS61WV3216DBLL/DBLS Datasheet(HTML) 13 Page - Integrated Silicon Solution, Inc

Back Button IS61WV3216DBLL/DBLS Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS61WV3216DBLL/DBLS Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS61WV3216DBLL/DBLS Datasheet HTML 11Page - Integrated Silicon Solution, Inc IS61WV3216DBLL/DBLS Datasheet HTML 12Page - Integrated Silicon Solution, Inc IS61WV3216DBLL/DBLS Datasheet HTML 13Page - Integrated Silicon Solution, Inc IS61WV3216DBLL/DBLS Datasheet HTML 14Page - Integrated Silicon Solution, Inc IS61WV3216DBLL/DBLS Datasheet HTML 15Page - Integrated Silicon Solution, Inc IS61WV3216DBLL/DBLS Datasheet HTML 16Page - Integrated Silicon Solution, Inc IS61WV3216DBLL/DBLS Datasheet HTML 17Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
Integrated Silicon Solution, Inc. — www.issi.com
13
Rev. A
05/14/2012
1
2
3
4
5
6
7
8
9
10
11
12
IS61WV3216DALL/DALS, IS61WV3216DBLL/DBLS,
IS64WV3216DBLL/DBLS
WRITE CYCLE SWITCHING CHARACTERISTICS(1,2) (OverOperatingRange)
-20 ns
-25 ns
-35 ns
-45ns
Symbol Parameter
Min. Max.
Min. Max.
Min. Max.
Min. Max.
Unit
twc
WriteCycleTime
20—
25—
35—
45—
ns
tsce
CE
toWriteEnd
12—
18—
25—
35—
ns
tAw
AddressSetupTime
12—
15—
25—
35—
ns
toWriteEnd
tHA
AddressHoldfromWriteEnd0—
0—
0—
0—
ns
tsA
AddressSetupTime
0—
0—
0—
0—
ns
tPwb
LB
,UBValidtoEndofWrite
12—
18—
30—
35—
ns
tPwe1
WE
PulseWidth(OE=HIGH)12—
18—
30—
35—
ns
tPwe2
WE
PulseWidth(OE=LOW)17—
20—
30—
35—
ns
tsd
DataSetuptoWriteEnd
9—
12—
15—
20—
ns
tHd
DataHoldfromWriteEnd
0—
0—
0—
0—
ns
tHzwe(3) WELOWtoHigh-ZOutput
—9
—12
—20
—20
ns
tLzwe(3) WEHIGHtoLow-ZOutput
3—
5—
5—
5—
ns
Notes:
1. TestconditionsforIS61WV3216LLassumesignaltransitiontimesof1.5nsorless,timingreferencelevelsof1.25V,inputpulse
levelsof0.4VtoVdd-0.3VandoutputloadingspecifiedinFigure1a.
2. TestedwiththeloadinFigure1b.Transitionismeasured±500mVfromsteady-statevoltage.Not100%tested.
3. TheinternalwritetimeisdefinedbytheoverlapofCELOWandUBorLB,andWELOW.Allsignalsmustbeinvalidstatesto
initiateaWrite,butanyonecangoinactivetoterminatetheWrite.TheDataInputSetupandHoldtimingarereferencedtothe
risingorfallingedgeofthesignalthatterminatesthewrite.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com