Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TLWNF1108A Datasheet(PDF) 9 Page - Toshiba Semiconductor

Part # TLWNF1108A
Description  General Lighting
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLWNF1108A Datasheet(HTML) 9 Page - Toshiba Semiconductor

Back Button TLWNF1108A Datasheet HTML 5Page - Toshiba Semiconductor TLWNF1108A Datasheet HTML 6Page - Toshiba Semiconductor TLWNF1108A Datasheet HTML 7Page - Toshiba Semiconductor TLWNF1108A Datasheet HTML 8Page - Toshiba Semiconductor TLWNF1108A Datasheet HTML 9Page - Toshiba Semiconductor TLWNF1108A Datasheet HTML 10Page - Toshiba Semiconductor TLWNF1108A Datasheet HTML 11Page - Toshiba Semiconductor TLWNF1108A Datasheet HTML 12Page - Toshiba Semiconductor TLWNF1108A Datasheet HTML 13Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
TLWNF1108A(T11
9
12.
12.
12.
12. Tape Specifications
Tape Specifications
Tape Specifications
Tape Specifications
12.1.
12.1.
12.1.
12.1. Product number format
Product number format
Product number format
Product number format
The type of package used for shipment is denoted by a symbol suffix after the part number. The method of
classification is as below. (this method, however does not apply to products whose electrical characteristics differ
from standard Toshiba specifications)
Example: TLWNF1108A(T11
Toshiba part number: TLWNF1108A
Tape type: T11(4-mm pitch)
12.2.
12.2.
12.2.
12.2. Tape Dimensions
Tape Dimensions
Tape Dimensions
Tape Dimensions
Table
Table
Table
Table 12.2.1
12.2.1
12.2.1
12.2.1 Tape Dimensions (Unit: mm)
Tape Dimensions (Unit: mm)
Tape Dimensions (Unit: mm)
Tape Dimensions (Unit: mm)
Dimensions
Tolerance
D
1.5
+0.1/-0
E
1.75
±0.1
P0
4.0
±0.1
t
0.3
±0.05
F
3.5
±0.05
D1
1.5
±0.1
P2
2.0
±0.05
W
8.0
±0.3
P
4.0
±0.1
A0
2.9
±0.1
B0
3.7
±0.1
K0
2.3
±0.1
Fig.
Fig.
Fig.
Fig. 12.2.1
12.2.1
12.2.1
12.2.1 Tape Dimensions
Tape Dimensions
Tape Dimensions
Tape Dimensions
12.3.
12.3.
12.3.
12.3. Reel Specification
Reel Specification
Reel Specification
Reel Specification
12.3.1.
12.3.1.
12.3.1.
12.3.1. Reel Dimensions
Reel Dimensions
Reel Dimensions
Reel Dimensions
Fig.
Fig.
Fig.
Fig. 12.3.1.1
12.3.1.1
12.3.1.1
12.3.1.1 Reel Dimensions
Reel Dimensions
Reel Dimensions
Reel Dimensions
2012-02-24
Rev.1.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com