Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SRP100B Datasheet(PDF) 1 Page - Shenzhen Taychipst Electronic Co., Ltd

Part # SRP100B
Description  FAST SWITCHING PLASTIC RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Direct Link  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd

SRP100B Datasheet(HTML) 1 Page - Shenzhen Taychipst Electronic Co., Ltd

  SRP100B Datasheet HTML 1Page - Shenzhen Taychipst Electronic Co., Ltd SRP100B Datasheet HTML 2Page - Shenzhen Taychipst Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
50V-800V
1.0A
SRP100A THRU SRP100K
1 of 2
Web Site: www.taychipst.com
FEATURES
E-mail: sales@taychipst.com
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
MECHANICAL DATA
♦ Plastic package has Underwriters Laboratory
Flammability Classification 94V-0
♦ High surge current capability
♦ Construction utilizes void-free molded plastic technique
♦ 1.0 Ampere operation at TA=55°C with
no thermal runaway
♦ Fast switching for high efficiency
♦ High temperature soldering guaranteed:
250°C/10 seconds 0.375" (9.5mm) lead length,
5 lbs. (2.3kg) tension
Case: JEDEC DO-204AL molded plastic body
Terminals: Plated axial leads, solderable per MIL-STD-750,
Method 2026
Polarity: Color Band denotes cathode end
Mounting Position: Any
Weight: 0.012 ounce, 1.3 grams
Ratings at 25°C ambient temperature unless otherwise specified.
SRP
SRP
SRP
SRP
SRP
SRP
SYMBOLS
100A
100B
100D
100G
100J
100K
UNITS
Maximum repetitive peak reverse voltage
VRRM
50
100
200
400
600
800
Volts
Maximum RMS voltage
VRMS
35
70
140
280
420
560
Volts
Maximum DC blocking voltage
VDC
50
100
200
400
600
800
Volts
Maximum average forward rectified current
0.375" (9.5mm) lead length at TA=55°C
I(AV)
1.0
Amp
Peak forward surge current
8.3ms single half sine-wave superimposed on
IFSM
30.0
Amps
rated load (JEDEC Method) at TA=75°C
Maximum instantaneous forward voltage at 1.0A
VF
1.3
Volts
Maximum DC reverse current
TA=25°C
10.0
at rated DC blocking voltage
TA=100°C
IR
200.0
µA
Maximum reverse recovery time (NOTE 1)
trr
100
200
ns
Typical junction capacitance (NOTE 2)
CJ
12.0
pF
Typical thermal resistance (NOTE 3)
R
ΘJA
41.0
°C/W
Operating junction temperature range
TJ
-50 to +125
°C
Storage temperature range
TSTG
-50 to +150
°C
NOTES:
(1) Reverse recovery test conditions: IF=0.5A, IR=1.0A, Irr=0.25A
(2) Measured at 1.0 MHz and applied reverse voltage of 4.0 Volts
(3) Thermal resistance from junction to ambient at 0.375" (9.5mm) lead length, P.C.B. mounted
FAST SWITCHING PLASTIC RECTIFIER


Similar Part No. - SRP100B

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
SRP100B GE-SRP100B Datasheet
44Kb / 2P
FAST SWITCHING PLASTIC RECTIFIER
logo
Vishay Siliconix
SRP100B VISHAY-SRP100B Datasheet
71Kb / 4P
Fast Switching Plastic Rectifier
27-Oct-09
SRP100B VISHAY-SRP100B Datasheet
74Kb / 4P
Fast Switching Plastic Rectifier
29-Jul-13
More results

Similar Description - SRP100B

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
SRP100A GE-SRP100A Datasheet
44Kb / 2P
FAST SWITCHING PLASTIC RECTIFIER
logo
Pan Jit International I...
PS200R PANJIT-PS200R_04 Datasheet
44Kb / 2P
FAST SWITCHING PLASTIC RECTIFIER
PS300R PANJIT-PS300R_04 Datasheet
36Kb / 2P
FAST SWITCHING PLASTIC RECTIFIER
logo
CHENG-YI ELECTRONIC CO....
FR151 CHENG-YI-FR151 Datasheet
104Kb / 2P
FAST SWITCHING PLASTIC RECTIFIER
logo
Pan Jit International I...
PS150R PANJIT-PS150R_09 Datasheet
49Kb / 2P
FAST SWITCHING PLASTIC RECTIFIER
logo
Vishay Siliconix
BA157 VISHAY-BA157_09 Datasheet
67Kb / 4P
Fast Switching Plastic Rectifier
26-Oct-09
GI820 VISHAY-GI820 Datasheet
76Kb / 4P
Fast Switching Plastic Rectifier
26-Oct-09
logo
Shenzhen Taychipst Elec...
SRP600A TAYCHIPST-SRP600A Datasheet
9Mb / 2P
FAST SWITCHING PLASTIC RECTIFIER
logo
Yea Shin Technology Co....
FR151 YEASHIN-FR151 Datasheet
73Kb / 2P
FAST SWITCHING PLASTIC RECTIFIER
logo
Vishay Siliconix
1N4933 VISHAY-1N4933_V01 Datasheet
790Kb / 4P
Fast Switching Plastic Rectifier
01-Jul-2020
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com