Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

B32676T Datasheet(PDF) 6 Page - EPCOS

Part # B32676T
Description  Metallized Polypropylene Film Capacitors (MKP)
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32676T Datasheet(HTML) 6 Page - EPCOS

Back Button B32676T Datasheet HTML 2Page - EPCOS B32676T Datasheet HTML 3Page - EPCOS B32676T Datasheet HTML 4Page - EPCOS B32676T Datasheet HTML 5Page - EPCOS B32676T Datasheet HTML 6Page - EPCOS B32676T Datasheet HTML 7Page - EPCOS B32676T Datasheet HTML 8Page - EPCOS B32676T Datasheet HTML 9Page - EPCOS B32676T Datasheet HTML 10Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
Ordering codes and packing units (lead spacing 27.5 mm)
CR
µF
Max. dimensions
w
× h × l
mm
P1
mm
Ordering code
(composition see
below)
IRMS,max
70
°C
10 kHz
A
IRMS,max
70
°C
20 kHz
A
ESRtyp
70
°C
10 kHz
m
Ω
Untaped
pcs./MOQ
MOQ = Minimum Order Quantity, consisting of 4 packing units.
Further E series and intermediate capacitance values on request.
Composition of ordering code
+ =
Capacitance tolerance code:
K =
±10%
J =
±5%
VR,85 °C = 300 V DC, Vop,70 °C = 450 V DC
2.2
11.0
× 19.0 × 31.5
B32674D3225+000
7.5
6.5
7.5
1280
3.3
12.5
× 21.5 × 31.5
B32674D3335+000
9.0
8.0
5.3
1120
4.7
14.0
× 24.5 × 31.5
B32674D3475+000
11.0
9.5
4.1
1040
5.0
15.0
× 24.5 × 31.5
B32674D3505+000
11.0
10.0
4.0
960
5.6
15.0
× 24.5 × 31.5
B32674D3565+000
11.5
10.5
3.9
960
6.8
18.0
× 27.5 × 31.5
B32674D3685+000
12.5
11.5
3.7
800
8.0
16.0
× 32.0 × 31.5
B32674D3805+000
13.5
12.5
3.4
880
8.2
18.0
× 33.0 × 31.5
B32674D3825+000
14.0
13.0
3.2
800
10
21.0
× 31.0 × 31.5
B32674D3106+000
15.0
14.0
2.9
720
12
22.0
× 36.5 × 31.5
B32674D3126+000
16.0
15.0
2.5
640
VR,85 °C = 450 V DC, Vop,70 °C = 630 V DC
1.5
11.0
× 19.0 × 31.5
B32674D4155+000
6.5
6.0
9.2
1280
2.2
12.5
× 21.5 × 31.5
B32674D4225+000
8.0
7.0
7.8
1120
3.3
15.0
× 24.5 × 31.5
B32674D4335+000
9.5
8.5
5.2
960
4.7
18.0
× 27.5 × 31.5
B32674D4475+000
11.5
10.5
5.0
800
5.0
16.0
× 32.0 × 31.5
B32674D4505+000
12.0
11.0
5.0
880
5.6
18.0
× 33.0 × 31.5
B32674D4565+000
12.5
11.0
4.4
800
6.0
21.0
× 31.0 × 31.5
B32674D4605+000
13.0
11.5
4.3
720
6.8
22.0
× 36.5 × 31.5
B32674D4685+000
14.0
12.5
4.0
640
7.5
22.0
× 36.5 × 31.5
B32674D4755+000
15.0
13.0
3.9
640
VR,85 °C = 630 V DC, Vop,70 °C = 800 V DC
1.0
11.0
× 19.0 × 31.5
B32674D6105+000
5.0
4.5
14.4
1280
1.5
12.5
× 21.5 × 31.5
B32674D6155+000
6.5
6.0
14.3
1120
2.2
15.0
× 24.5 × 31.5
B32674D6225+000
7.0
6.0
8.0
960
3.3
16.0
× 32.0 × 31.5
B32674D6335+000
7.0
6.0
6.5
880
4.7
22.0
× 36.5 × 31.5
B32674D6475+000
9.5
9.5
5.8
640
5.0
22.0
× 36.5 × 31.5
B32674D6505+000
10.5
9.5
5.8
640
B32674
MKP DC link
high power series
Page 6 of 22
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com