Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

B32774 Datasheet(PDF) 2 Page - EPCOS

Part # B32774
Description  Metallized Polypropylene Film Capacitors (MKP)
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32774 Datasheet(HTML) 2 Page - EPCOS

  B32774 Datasheet HTML 1Page - EPCOS B32774 Datasheet HTML 2Page - EPCOS B32774 Datasheet HTML 3Page - EPCOS B32774 Datasheet HTML 4Page - EPCOS B32774 Datasheet HTML 5Page - EPCOS B32774 Datasheet HTML 6Page - EPCOS B32774 Datasheet HTML 7Page - EPCOS B32774 Datasheet HTML 8Page - EPCOS B32774 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
Typical applications
For compact design of:
Frequency converters
Industrial and high-end power supplies
Solar inverters
Climatic
Max. operating temperature: 105
°C (case)
Climatic category (IEC 60068-1): 40/85/56
Construction
Dielectric: polypropylene (MKP)
Plastic case (UL 94 V-0)
Epoxy resin sealing (UL 94 V-0)
Features
Capacitance values up to 110
µF
High CV product, compact
Excellent self-healing properties
Overvoltage capability
Low losses with high current capability
High reliability
Long useful life
Terminals
Parallel wire leads, lead-free tinned
2-pin and 4-pin versions
Standard lead lengths: 6
1 mm
Special lead lengths are available on
request
Marking
Manufacturer's logo, lot number,
date code, rated capacitance (coded),
capacitance tolerance (code letter),
rated DC voltage
Delivery mode
Bulk (untaped, lead length 6
1 mm)
Dimensional drawings
2-pin version
4-pin version
Dimensions in mm
Version
Lead
spacing
±0.4
Lead
diameter
d1
Type
2-pin
27.5
0.8
B32774D
2-pin
37.5
1.0
B32776E/T
4-pin
37.5
1.2
B32776G
4-pin
52.5
1.2
B32778G
Metallized polypropylene film capacitors (MKP)
B32774 ... B32778
MKP DC link
high density series
Page 2 of 21
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com