Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCMB065T-1R5MS Datasheet(PDF) 30 Page - International Rectifier

Part # PCMB065T-1R5MS
Description  4A HIGHLY INTEGRATED SUPLRBUCK
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

PCMB065T-1R5MS Datasheet(HTML) 30 Page - International Rectifier

Back Button PCMB065T-1R5MS Datasheet HTML 26Page - International Rectifier PCMB065T-1R5MS Datasheet HTML 27Page - International Rectifier PCMB065T-1R5MS Datasheet HTML 28Page - International Rectifier PCMB065T-1R5MS Datasheet HTML 29Page - International Rectifier PCMB065T-1R5MS Datasheet HTML 30Page - International Rectifier PCMB065T-1R5MS Datasheet HTML 31Page - International Rectifier PCMB065T-1R5MS Datasheet HTML 32Page - International Rectifier PCMB065T-1R5MS Datasheet HTML 33Page - International Rectifier PCMB065T-1R5MS Datasheet HTML 34Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 45 page
background image
- 30 -
AUGUST 08, 2012 |DATA SHEET |    Rev 3.3
30
IR3897 
4A Highly Integrated SupIRBuck
TM  
Single‐Input Voltage, Synchronous Buck Regulator  
PD‐97663
VOUT
VREF
R6
R5
R4
C4
C2
C3
R3
Ve
FZ1
FZ
2
FP
2
FP
3
E
/ A
Zf
ZIN
Frequency
Gain (dB)
|H(s)| dB
Fb
Comp
Figure 27: Type III Compensation network  
and its asymptotic gain plot 
Again, the transfer function is given by: 
IN
f
out
e
Z
Z
s
H
V
V
)
(
 
By replacing Zin and Zf, according to Fig. 27, the transfer 
function can be expressed as: 
33
4
4
5
23
52
3
3
4
4
23
(1
) 1
*
()
() 1
(1
)
(27)
sR C
sC
R
R
CC
Hs
sRC
C
sR
sR C
CC











 
The compensation network has three poles and two 
zeros and they are expressed as follows: 
1
2
44
3
32
23
3
23
0
(28)
1
(29)
2*
*
11
(30)
2*
*
*
2*
P
P
P
F
F
RC
F
RC
CC
R
CC
 





 
1
33
2
44
5
4
5
1
(31)
2*
*
11
(32)
2*
*(
)
2 *
*
Z
Z
F
RC
F
CR
R
C
R



 
Cross over frequency is expressed as: 
34
1
*
*
*
(33)
2* *
in
o
osc
o
o
V
FR C
VL C
 
Based on the frequency of the zero generated by the output 
capacitor and its ESR, relative to crossover frequency, the 
compensation type can be different. Table 3 shows the 
compensation types for relative locations of the crossover 
frequency. 
TABLE 3: DIFFERENT TYPES OF COMPENSATORS 
Compensator 
Type
FESR vs FO 
Typical Output 
Capacitor
Type II 
FLC < FESR < FO < FS/2 
Electrolytic 
Type III 
FLC < FO < FESR 
SP Cap, Ceramic 
 
The higher the crossover frequency is, the potentially faster 
the load transient response will be. However, the crossover 
frequency should be low enough to allow attenuation of 
switching noise. Typically, the control loop bandwidth or 
crossover frequency (Fo) is selected such that: 
s
o
F
F
*
1/10
~
1/5
 
The DC gain should be large enough to provide high  
DC‐regulation accuracy. The phase margin should be greater 
than 45
o for overall stability. 
For this design we have: 
Vin=12V 
Vo=1.2V 
Vosc=1.8V (This is a function of Vin, pls. see feed forward 
section) 
Vref=0.5V 
Lo=1.5uH 
Co=4x22uF, ESR≈3mΩ each 
 
It must be noted here that the value of the capacitance used 
in the compensator design must be the small signal value.  
For instance, the small signal capacitance of the 22uF 
capacitor used in this design is 10uF at 1.2 V DC bias and  
600 kHz frequency. It is this value that must be used for all 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com