Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TCV7100AF Datasheet(PDF) 13 Page - Toshiba Semiconductor

Part # TCV7100AF
Description  Buck DC-DC Converter IC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TCV7100AF Datasheet(HTML) 13 Page - Toshiba Semiconductor

Back Button TCV7100AF Datasheet HTML 9Page - Toshiba Semiconductor TCV7100AF Datasheet HTML 10Page - Toshiba Semiconductor TCV7100AF Datasheet HTML 11Page - Toshiba Semiconductor TCV7100AF Datasheet HTML 12Page - Toshiba Semiconductor TCV7100AF Datasheet HTML 13Page - Toshiba Semiconductor TCV7100AF Datasheet HTML 14Page - Toshiba Semiconductor TCV7100AF Datasheet HTML 15Page - Toshiba Semiconductor TCV7100AF Datasheet HTML 16Page - Toshiba Semiconductor TCV7100AF Datasheet HTML 17Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
TCV7100AF
2010-12-16
13
VIN = 3.3 V, VOUT = 1.2 V
L
= 2.2 μH, COUT = 68 μF
Ta
= 25°C
VIN = 5 V, VOUT = 3.3 V
L
= 2.2 μH, COUT = 47 μF
Ta
= 25°C
0
30
−30
20
10
−10
−20
0
1
3
2
ΔVOUT – IOUT
ΔVOUT – IOUT
Output current IOUT (A)
Output current IOUT (A)
ΔVOUT – IOUT
ΔVOUT – VIN
Output current IOUT (A)
Input voltage VIN (V)
ΔVOUT – VIN
η – IOUT
Input voltage VIN (V)
Output current IOUT (A)
0
1
3
2
0
20
10
−10
−20
0
1
3
2
0
20
10
−10
−20
VIN = 5 V, VOUT = 1.2 V
L
= 2.2 μH, COUT = 68 μF
Ta
= 25°C
0
40
20
−20
−40
2
3
4
5
6
VOUT = 3.3 V, IOUT = 10 mA
L
= 2.2 μH, COUT = 47 μF
Ta
= 25°C
−10
10
30
−30
0
20
10
−10
−20
2
3
4
5
6
VOUT = 1.2 V, IOUT = 10 mA
L
= 2.2 μH, COUT = 68 μF
Ta
= 25°C
0
1
3
2
0
80
20
100
60
40
VIN = 5 V, VOUT = 3.3 V
L
= 2.2 μH, COUT = 47 μF
Ta
= 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com