Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMP87CH48DFG Datasheet(PDF) 7 Page - Toshiba Semiconductor

Part # TMP87CH48DFG
Description  TLCS-870 Series
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP87CH48DFG Datasheet(HTML) 7 Page - Toshiba Semiconductor

Back Button TMP87CH48DFG Datasheet HTML 3Page - Toshiba Semiconductor TMP87CH48DFG Datasheet HTML 4Page - Toshiba Semiconductor TMP87CH48DFG Datasheet HTML 5Page - Toshiba Semiconductor TMP87CH48DFG Datasheet HTML 6Page - Toshiba Semiconductor TMP87CH48DFG Datasheet HTML 7Page - Toshiba Semiconductor TMP87CH48DFG Datasheet HTML 8Page - Toshiba Semiconductor TMP87CH48DFG Datasheet HTML 9Page - Toshiba Semiconductor TMP87CH48DFG Datasheet HTML 10Page - Toshiba Semiconductor TMP87CH48DFG Datasheet HTML 11Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 142 page
background image
TMP87CH48/CM48
II
2008-03-06
1. Part number
2. Package code and dimensions
Previous Part Number
(in Body Text)
Previous Package Code
(in Body Text)
New Part Number
New Package Code
OTP
TMP87CH48U
P-LQFP64-1010-0.50
TMP87CH48UG
LQFP64-P-1010-0.50E
TMP87PH48UG
TMP87CH48DF
P-QFP64-1414-0.80A
TMP87CH48DFG
QFP64-P-1414-0.80C
TMP87PH48DFG
TMP87CM48U
P-LQFP64-1010-0.50
TMP87CM48UG
LQFP64-P-1010-0.50E
TMP87PM48UG
TMP87CM48DF
P-QFP64-1414-0.80A
TMP87CM48DFG
QFP64-P-1414-0.80C
TMP87PM48DFG
*: For the dimensions of the new package, see the attached Package Dimensions diagram.
3. Addition of notes on lead solderability
The following solderability test is conducted on the new device.
Lead solderability of Pb-free devices (with the G suffix)
Test
Test Conditions
Remark
Solderability
(1) Use of Lead (Pb)
·
solder bath temperature
= 230°C
·
dipping time
= 5 seconds
·
the number of times
= once
·
use of R-type flux
(2) Use of Lead (Pb)-Free
·
solder bath temperature
= 245°C
·
dipping time
= 5 seconds
·
the number of times
= once
·
use of R-type flux
Leads with over 95% solder coverage
till lead forming are acceptable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com