Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMP87PM48DFG Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TMP87PM48DFG
Description  TLCS-870 Series
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP87PM48DFG Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TMP87PM48DFG Datasheet HTML 1Page - Toshiba Semiconductor TMP87PM48DFG Datasheet HTML 2Page - Toshiba Semiconductor TMP87PM48DFG Datasheet HTML 3Page - Toshiba Semiconductor TMP87PM48DFG Datasheet HTML 4Page - Toshiba Semiconductor TMP87PM48DFG Datasheet HTML 5Page - Toshiba Semiconductor TMP87PM48DFG Datasheet HTML 6Page - Toshiba Semiconductor TMP87PM48DFG Datasheet HTML 7Page - Toshiba Semiconductor TMP87PM48DFG Datasheet HTML 8Page - Toshiba Semiconductor TMP87PM48DFG Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 38 page
background image
Datasheet Modifications: I2C Bus Mode Control
The following problem is included in the explanation of the I2C bus function of this data sheet.
It will guide the correction as follows. Please read it for the explanation of this data sheet as follows.
Section: “I2C Bus Mode Control”
▪ In the explanation of the Serial Bus Interface Control Register 1
1. Delete the setting examples where the serial clock frequency exceeds 100 kHz.
2. Add the following note.
Note: This I
2C bus circuit does not support the Fast mode. It supports the Standard mode only. Although
the I
2C bus circuit itself allows the setting of a baud rate over 100 kbps, the compliance with the I2C
specification is not guaranteed in that case.
▪ In “(3) Serial clock”
1. Add the following sentence about the communication baud rate.
a. Clock source
The SCK (bits 2 to 0 in the SBICR1) is used to select a maximum transfer frequency
outputed on the SCL pin in the master mode. Set a communication baud rate that meets
the I2C bus specification, such as the shortest pulse width of tLOW, based on the equations
shown below.
In both master mode and slave mode, a pulse width of at least 4 machine cycles is require
for both “H” and “L” levels.
tLOW = 2
n
/fc
tHIGH = 2
n
/fc + 8/fc
fscl = 1/(tLow + tHIGH)
000 : Reserved
001 : Reserved
010 : 58.8
011 : 30.3
100 : 15.4
101 : 7.75
110 : 3.89
(Note)
(Note)
kHz
kHz
kHz
kHz
kHz
at fc = 8MHz (Output on SCL
pin)
SCK
Serial clock selection
111 : reserved
Write-
only
TOSHIBA Microcontrollers
870 Family
(TMP87CH48U) (TMP87CH48DF) (TMP87CM48U) (TMP87CM48DF) (TMP87CH48I)
(TMP87PH48U) (TMP87PH48DF) (TMP87PM48U) (TMP87PM48DF)
TMP87PH48/PM48
2008-02-08



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com