Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UG1D Datasheet(PDF) 2 Page - Shenzhen Taychipst Electronic Co., Ltd

Part # UG1D
Description  ULTRAFAST EFFICIENT PLASTIC RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Direct Link  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd

UG1D Datasheet(HTML) 2 Page - Shenzhen Taychipst Electronic Co., Ltd

  UG1D Datasheet HTML 1Page - Shenzhen Taychipst Electronic Co., Ltd UG1D Datasheet HTML 2Page - Shenzhen Taychipst Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATINGS AND CHARACTERISTIC CURVES
UG1A THRU UG1D
E-mail: sales@taychipst.com
Web Site: www.taychipst.com
2 of 2
0
25
50
75
100
125
150
175
0
0.25
0.5
0.75
1.0
1.25
1.5
110
100
1
10
100
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0.01
0.1
1
10
100
0.1
1
10
100
1
10
100
0
25
50
75
100
125
150
175
0
10
20
30
40
50
60
020
40
60
80
100
0.01
0.1
1
10
100
FIG. 1 - FORWARD CURRENT
DERATING CURVES
TEMPERATURE, °C
FIG. 2 - MAXIMUM NON-REPETITIVE PEAK
FORWARD SURGE CURRENT
NUMBER OF CYCLES AT 60 Hz
FIG. 3 - TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
FIG. 4 - TYPICAL REVERSE CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE,
VOLTS
PERCENT OF RATED PEAK REVERSE
VOLTAGE, %
FIG. 5 - REVERSE SWITCHING
CHARACTERISTICS
JUNCTION TEMPERATURE, °C
FIG. 6 - TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE, VOLTS
TL=75
°C
8.3ms SINGLE HALF SINE-WAVE
(JEDEC Method)
TJ=100°C
TJ=25°C
TJ=25°C
PULSE WIDTH=300
µs
1% DUTY CYCLE
TJ=25°C
f=1.0 MHZ
Vsig=50mVp-p
TA, AMBIENT
TEMPERATURE ON
P.C.B. MOUNTED
0.5 x 0.5” (12 x 12mm)
COPPER PAD AREAS
TJ=100°C
di/dt=20A/
µs
di/dt=100A/
µs
di/dt=150A/
µs
di/dt=50A/
µs
di/dt=150A/
µs
di/dt=100A/
µs
di/dt=50A/
µs
di/dt=20A/
µs
IF=1.0A
VR=30V
trr
Qrr
RESISTIVE OR INDUCTIVE
LOAD 0.375” (9.5mm)
LEAD LENGTH
TL, LEAD TEMPERATURE
50V-200V
1.0A
UG1A
THRU UG1D
ULTRAFAST EFFICIENT PLASTIC RECTIFIER



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com