Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TS7809CZ Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TS7809CZ
Description  3-Terminal Fixed Positive Voltage Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS7809CZ Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TS7809CZ Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS7809CZ Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS7809CZ Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS7809CZ Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS7809CZ Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS7809CZ Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS7809CZ Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS7809CZ Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS7809CZ Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
TS7800 Series
3-Terminal Fixed Positive Voltage Regulator
1/10
Version: D12
TO-220
ITO-220
General Description
The TS7800 series voltage regulators are monolithic integrated circuits designed as fixed-voltage regulators for a
wide variety of applications including local, on-card regulation. These regulators employ internal current limiting,
thermal shutdown, and safe-area compensation. With adequate heatsink they can deliver output currents up to 1
ampere. Although designed primarily as a fixed voltage regulator, these devices can be used with external
components to obtain adjustable voltages and currents.
Features
●
Output Voltage Range 5 to 24V
●
Output current up to 1A
●
No external components required
●
Internal thermal overload protection
●
Internal short-circuit current limiting
●
Output transistor safe-area compensation
●
Output voltage offered in 4% tolerance
Standard Application Circuit
A common ground is required between the input and the
output voltages. The input voltage must remain typically
2.0V above the output voltage even during the low point on
the Input ripple voltage.
XX = these two digits of the type number indicate voltage.
* = Cin is required if regulator is located an appreciable
distance from power supply filter.
** = Co is not needed for stability; however, it does improve
transient response
.
Ordering Information
Part No.
Package
Packing
TS78xxCZ C0
TO-220
50pcs / Tube
TS78xxCI C0
ITO-220
50pcs / Tube
Note: Where xx denote voltage option, available are:
05=5V, 06=6V, 08=9V, 09=9V, 10=10V
12=12V, 15=15V, 18=18V, 24=24V
Absolute Maximum Rating (Ta = 25
oC unless otherwise noted)
Parameter
Symbol
Limit
Unit
Input Voltage
VOUT=5~18V
VIN
35
V
VOUT=24V
40
Output Current
IOUT
Internal Limited
Power Dissipation
PD
Internal Limited
Operating Junction Temperature
TJ
0~+125
oC
Storage Temperature Range
TSTG
-65~+150
oC
Thermal Resistance - Junction to Case
TO-220
RӨJC
5
oC/W
ITO-220
5
Thermal Resistance - Junction to Ambient
TO-220
RӨJA
50
oC/W
ITO-220
60
Note: Absolute maximum ratings are those values beyond which damage to the device may occur.
Functional operation under these condition is not implied.
Pin Definition:
1. Input
2. Ground (tab)
3. Output


Similar Part No. - TS7809CZ

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS7809CZC0 TSC-TS7809CZC0 Datasheet
262Kb / 9P
3-Terminal Fixed Positive Voltage Regulator
More results

Similar Description - TS7809CZ

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TS7800 ETC-TS7800 Datasheet
258Kb / 9P
3-Terminal Fixed Positive Voltage Regulator
logo
Taiwan Semiconductor Co...
TS7800B TSC-TS7800B Datasheet
249Kb / 8P
3-Terminal Fixed Positive Voltage Regulator
TS7800 TSC-TS7800 Datasheet
258Kb / 9P
3-Terminal Fixed Positive Voltage Regulator
TS7800 TSC-TS7800_1 Datasheet
290Kb / 10P
3-Terminal Fixed Positive Voltage Regulator
TS7800A TSC-TS7800A Datasheet
258Kb / 9P
3-Terminal Fixed Positive Voltage Regulator
TS7800 TSC-TS7800_07 Datasheet
524Kb / 12P
3-Terminal Fixed Positive Voltage Regulator
TS7800A TSC-TS7800A_07 Datasheet
525Kb / 12P
3-Terminal Fixed Positive Voltage Regulator
TS7800 TSC-TS7800_11 Datasheet
261Kb / 12P
3-Terminal Fixed Positive Voltage Regulator
TS7815CI TSC-TS7815CI Datasheet
236Kb / 10P
3-Terminal Fixed Positive Voltage Regulator
TS7818CZ TSC-TS7818CZ Datasheet
236Kb / 10P
3-Terminal Fixed Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com