Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

2N3019HR Datasheet(PDF) 3 Page - STMicroelectronics

Part # 2N3019HR
Description  Hi-Rel NPN bipolar transistor 80 V, 1 A
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

2N3019HR Datasheet(HTML) 3 Page - STMicroelectronics

  2N3019HR Datasheet HTML 1Page - STMicroelectronics 2N3019HR Datasheet HTML 2Page - STMicroelectronics 2N3019HR Datasheet HTML 3Page - STMicroelectronics 2N3019HR Datasheet HTML 4Page - STMicroelectronics 2N3019HR Datasheet HTML 5Page - STMicroelectronics 2N3019HR Datasheet HTML 6Page - STMicroelectronics 2N3019HR Datasheet HTML 7Page - STMicroelectronics 2N3019HR Datasheet HTML 8Page - STMicroelectronics 2N3019HR Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
2N3019HR
Electrical characteristics
Doc ID 15384 Rev 3
3/9
2
Electrical characteristics
Tcase = 25 °C unless otherwise specified
Table 4.
Electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ICES
Collector cut-off
current (IE = 0)
VCB = 90 V
VCB = 90 V, Tamb = 150 °C
-
10
10
nA
µA
IEBO
Emitter cut-off current
(IC = 0)
VEB = 5 V
-
10
nA
V(BR)CBO
Collector-base
breakdown voltage
(IE = 0)
IC = 100 µA
140
-
V
V(BR)CEO
(1)
1.
Pulsed duration = 300 µs, duty cycle
≤2 %
Collector-emitter
breakdown voltage
(IB = 0)
IC = 30 mA
80
-
V
V(BR)EBO
Emitter-base
breakdown voltage
(IC = 0)
IE = 100 µA
7
-
V
VCE(sat)
(1)
Collector-emitter
saturation voltage
IC = 150 mA, IB = 15 mA
IC = 500 mA, IB = 50 mA
-
0.2
0.5
V
V
VBE(sat)
(1)
Base-emitter
saturation voltage
IC = 150 mA, IB = 15 mA
-
1.1
V
hFE
(1)
DC current gain
IC = 0.1 mA, VCE = 10 V
IC = 10 mA, VCE = 10 V
IC = 150 mA, VCE = 10 V
IC = 500 mA, VCE = 10 V
IC = 1 A, VCE = 10 V
IC = 150 mA, VCE = 10 V
Tamb = -65 °C
50
90
100
50
15
40
-
200
300
200
hfe
Small signal current
gain
VCE = 10 V, IC = 50 mA
f = 20 MHz
5-
20
hfe
Small signal short
circuit forward current
transfer ratio
VCE = 5 V, IC = 1 mA
80
-
400
CCBO
Output capacitance
(IE = 0)
VCB = 10 V, f = 1 MHz
-
12
pF
CIBO
Input capacitance
(IC = 0)
VEB = 0.5 V, f = 1 MHz
-
60
pF
NF
Noise figure
VCE = 10 V, IC = 100 µA
RG = 1 kΩ Bandwidth = 200 Hz
-4
dB
tC(CB)
Collector- base
constant time
VCE = 10 V, IC = 10 mA
f
= 79.8 MHz
-
400
ps
ton + toff
Pulse response
VCC = 20 V, see Figure 8
-30
ns



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com