Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

54AC14 Datasheet(PDF) 10 Page - STMicroelectronics

Part # 54AC14
Description  Rad-hard advanced high-speed 5 V CMOS logic series
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

54AC14 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button 54AC14 Datasheet HTML 6Page - STMicroelectronics 54AC14 Datasheet HTML 7Page - STMicroelectronics 54AC14 Datasheet HTML 8Page - STMicroelectronics 54AC14 Datasheet HTML 9Page - STMicroelectronics 54AC14 Datasheet HTML 10Page - STMicroelectronics 54AC14 Datasheet HTML 11Page - STMicroelectronics 54AC14 Datasheet HTML 12Page - STMicroelectronics 54AC14 Datasheet HTML 13Page - STMicroelectronics 54AC14 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
Maximum rating
54ACxxxx, 54ACTxxxx
10/28
Doc ID 17352 Rev 3
3.2
Recommended operating conditions
3.2.1
54AC series
3.2.2
54ACT series
Table 4.
Recommended operating conditions for 54AC series
Symbol
Parameter
Value
Unit
VCC
Supply voltage
2 to 6
V
VI
Input voltage
0 to VCC
V
VO
Output voltage
0 to VCC
V
TOP
Operating temperature
-55 to 150
°C
dt/dv
Input rise and fall time(1) VCC = 3.0, 4.5 or 5.5
1.
VIN from 30% to 70% of VCC.
0 to 8
ns/V
Table 5.
Recommended operating conditions for 54ACT series
Symbol
Parameter
Value
Unit
VCC
Supply voltage
4.5 to 5.5
V
VI
Input voltage
0 to VCC
V
VO
Output voltage
0 to VCC
V
TOP
Operating temperature
-55 to 150
°C
dt/dv
Input rise and fall time(1) VCC = 3.0, 4.5 or 5.5
1.
VIN from 30% to 70% of VCC.
0 to 8
ns/V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com