Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

54AC74 Datasheet(PDF) 6 Page - STMicroelectronics

Part # 54AC74
Description  Rad-hard advanced high-speed 5 V CMOS logic series
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

54AC74 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button 54AC74 Datasheet HTML 2Page - STMicroelectronics 54AC74 Datasheet HTML 3Page - STMicroelectronics 54AC74 Datasheet HTML 4Page - STMicroelectronics 54AC74 Datasheet HTML 5Page - STMicroelectronics 54AC74 Datasheet HTML 6Page - STMicroelectronics 54AC74 Datasheet HTML 7Page - STMicroelectronics 54AC74 Datasheet HTML 8Page - STMicroelectronics 54AC74 Datasheet HTML 9Page - STMicroelectronics 54AC74 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
54AC138
Rad-hard 3 to 8 line decoder inverter
300 krad
(Si)
QML-V
Y
5962F87622
Flat-16 - DIL-16
54ACT138
Rad-hard 3 to 8 line decoder inverter
-
5962F87554
Flat-16 - DIL-16
54AC139
Rad-hard dual 2 to 4 line decoder/demultiplexer
Y
5962F87623
Flat-16 - DIL-16
54ACT139
Rad-hard dual 2 to 4 line decoder/demultiplexer
-
5962F87553
Flat-16 - DIL-16
54AC151
Rad-hard 8-channel multiplexer
-
5962F87691
Flat-16 - DIL-16
54ACT151
Rad-hard 8-channel multiplexer
-
5962F88756
Flat-16 - DIL-16
54AC157
Rad-hard quad 2-channel multiplexer
Y
5962F89539
Flat-16 - DIL-16
54ACT157
Rad-hard quad 2-channel multiplexer
-
5962F89668
Flat-16 - DIL-16
54AC161
Rad-hard synchronous binary counter with async. clear
Y
5962F89561
Flat-16 - DIL-16
54ACT161
Rad-hard synchronous binary counter with async. clear
-
5962F91722
Flat-16 - DIL-16
54AC174
Rad-hard hex D-type flip-flop with clear
-
5962F87626
Flat-16 - DIL-16
54ACT174
Rad-hard hex D-type flip-flop with clear
-
5962F87757
Flat-16 - DIL-16
54AC191
Rad-hard 4-bit synchronous binary up/down counter
-
5962F89749
Flat-16 - DIL-16
54ACT191
Rad-hard 4-bit synchronous binary up/down counter
-
5962F04228
Flat-16 - DIL-16
54AC240
Rad-hard octal bus buffer 3-state inverter
Y
5962F87550
Flat-20
54ACT240
Rad-hard octal bus buffer 3-state inverter
Y
5962F87759
Flat-20
54AC244
Rad-hard octal bus buffer 3-state
Y
5962F87552
Flat-20
Inverted
enable
54ACT244
Rad-hard octal bus buffer 3-state
Y
5962F87760
Flat-20
54AC245
Rad-hard octal bus transceiver 3-state
Y
5962F87758
Flat-20
54ACT245
Rad-hard octal bus transceiver 3-state
Y
5962F87663
Flat-20
54AC273
Rad-hard octal D-type flip-flop with clear
Y
5962F87756
Flat-20
54ACT273
Rad-hard octal D-type flip-flop with clear
-
5962F01527
Flat-20
Table 1.
Device summary (continued)
Part number
Description
Radiation
level
Agency
qualification
EPPL
SMD /
detailed
specification
Package
Other
features



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com