Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST802RT1B Datasheet(PDF) 22 Page - STMicroelectronics

Part # ST802RT1B
Description  10/100 real-time Ethernet 3.3 V transceiver
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST802RT1B Datasheet(HTML) 22 Page - STMicroelectronics

Back Button ST802RT1B Datasheet HTML 18Page - STMicroelectronics ST802RT1B Datasheet HTML 19Page - STMicroelectronics ST802RT1B Datasheet HTML 20Page - STMicroelectronics ST802RT1B Datasheet HTML 21Page - STMicroelectronics ST802RT1B Datasheet HTML 22Page - STMicroelectronics ST802RT1B Datasheet HTML 23Page - STMicroelectronics ST802RT1B Datasheet HTML 24Page - STMicroelectronics ST802RT1B Datasheet HTML 25Page - STMicroelectronics ST802RT1B Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 58 page
background image
Registers and descriptors description
ST802RT1A, ST802RT1B
22/58
Doc ID 17049 Rev 1
Reserved bits: Ignore ST802RT1x output when these bits are read.
Preamble suppression: This bit is a read-only bit and can be set by bit 1 of the RN14
register. When read as a logic “1”, the ST802RT1x is able to accept MII management
frames with or without the standard preamble pattern. When preamble suppression is
enabled (RN14[1]=1), only 2 preamble bits are required between successive management
commands, instead of the normal 32.
Auto-negotiation complete: Bit 5 of the status register returns a “1” if the auto-negotiation
process has been completed, and the contents of registers 4, 5, and 6 are valid.
Link status: The ST802RT1x returns a “1” on bit 2 of the status register when the link state
machine is in link pass, indicating that a valid link has been established. Otherwise, it
returns a “0”. When a link failure occurs after the link pass state has been entered, the link
status bit is latched at “0” and remains so until the bit is read. After the bit is read, it becomes
“1” if the link pass state has been entered again.
Jabber detect: 10BASE-T operation only. The ST802RT1x returns a “1” on bit 1 of the
status register if a jabber condition has been detected. After the bit is read, or if the chip is
reset, it reverts to “0”.
Extended register ability: Because the ST802RT1x supports extended register capability,
this read-only bit is always “1”. The ST802RT1x extended registers with their bit functions
are described in later sections of this document.
The PHY identifier registers #1 and #2 consist of a sum of the organizationally unique
identifier (OUI), the vendor's model number and the model revision number. ST's IEEE
assigned OUI is 0x0080E1.
Table 12.
RN02 [0d02, 0x02]: PHY identifier register Hi
Bit
Bit name
Description
Default
RW
type
Type
15:0
OUI MSBs
Organizationally unique identifier (OUI), bits 3..18
OUI bits 1 and 2 are fixed to 0 by standard; ST OUI = 0080E1
0203h
RO
P
Table 13.
RN03 [0d03, 0x03]: PHY identifier register Lo
Bit
Bit name
Description
Default
RW
type
Type
15:10
OUI LSBs
Organizationally unique identifier (OUI), bits 19..24
100001b
RO
P
9:4
MODEL
NUMBER
Manufacturer’s model number
000110b
RO
P
3:0
REVISION
NUMBER
Allows identification of the revision of the device via software
reading of the register
0001b
RO
P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com