Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STPM01 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPM01
Description  Programmable single phase energy metering IC with tamper detection
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM01 Datasheet(HTML) 1 Page - STMicroelectronics

  STPM01_11 Datasheet HTML 1Page - STMicroelectronics STPM01_11 Datasheet HTML 2Page - STMicroelectronics STPM01_11 Datasheet HTML 3Page - STMicroelectronics STPM01_11 Datasheet HTML 4Page - STMicroelectronics STPM01_11 Datasheet HTML 5Page - STMicroelectronics STPM01_11 Datasheet HTML 6Page - STMicroelectronics STPM01_11 Datasheet HTML 7Page - STMicroelectronics STPM01_11 Datasheet HTML 8Page - STMicroelectronics STPM01_11 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 60 page
background image
June 2011
Doc ID 10853 Rev 8
1/60
60
STPM01
Programmable single phase energy metering IC
with tamper detection
Features
■ Active, reactive, apparent energies and RMS
values
■ Ripple free active energy pulsed output
■ Live and neutral monitoring for tamper
detection
■ Easy and fast digital calibration in only one
point over the whole current range
■ OTP for calibration and configuration
■ Integrated linear VREGs for digital and analog
supply
■ Selectable RC or crystal oscillator
■ Support 50 ÷ 60 Hz – IEC62052-11, IEC62053-
2x specification
■ Less than 0.1 % error
■ Precision voltage reference: 1.23 V and 30
ppm/°C max
Description
The STPM01 is designed for effective
measurement of active, reactive and apparent
energy in a power line system using Rogowski
coil, current transformer and shunt sensors. This
device can be implemented as a single chip
monophase energy meter or as a peripheral
measurement in a microcontroller based
monophase or 3-phase energy meter. The
STPM01 consists, essentially, of two parts: the
analog part and the digital part. The former, is
composed by preamplifier and 1st order
Δ ∑ A/D
converter blocks, band gap voltage reference, low
drop voltage regulator, the latter, is composed by
system control, oscillator, hard wired DSP and
SPI interface. There is also an OTP block, which
is controlled through the SPI by means of a
dedicated command set. The configured bits are
used for testing, configuration and calibration
purpose. From a pair of
Δ ∑ output signals coming
from analog section, a DSP unit computes the
amount of consummated active, reactive and
apparent energy, RMS and instantaneous values
of voltage and current. The results of computation
are available as pulse frequency and states on
the digital outputs of the device or as data bits in a
data stream, which can be read from the device
by means of SPI interface. This system bus
interface is used also during production testing of
the device and/or for temporary or permanent
programming of bits of internal OTP. In the
STPM01 an output signal with pulse frequency
proportional to energy is generated, this signal is
used in the calibration phase of the energy meter
application allowing a very easy approach. When
the device is fully configured and calibrated, a
dedicated bit of OTP block can be written
permanently in order to prevent accidental
entering into some test mode or changing any
configuration bit.
TSSOP20
Table 1.
Device summary
Order code
Temperature range
Package
Packaging
STPM01FTR
- 40 to 85 °C
TSSOP20 (tape and reel)
2500 parts per reel
www.st.com


Similar Part No. - STPM01_11

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPM01FTR STMICROELECTRONICS-STPM01FTR Datasheet
775Kb / 56P
Programmable single phase energy metering IC
24-Oct-2006
STPM01FTR STMICROELECTRONICS-STPM01FTR Datasheet
1Mb / 60P
Programmable single phase energy metering IC with tamper detection
09-Jun-2011
STPM01 STMICROELECTRONICS-STPM01_V01 Datasheet
1Mb / 60P
Programmable single phase energy metering IC with tamper detection
09-Jun-2011
More results

Similar Description - STPM01_11

ManufacturerPart #DatasheetDescription
logo
Sames
SA2007M SAMES-SA2007M Datasheet
168Kb / 10P
Single Phase Power/Energy Metering IC with Tamper Detection
SA2007P SAMES-SA2007P Datasheet
138Kb / 12P
Programmable Single Phase Energy Metering IC with Tamper Detection
SA9607M SAMES-SA9607M Datasheet
98Kb / 10P
Single Phase Power/Energy Metering IC with Tamper Detection
SA9607P SAMES-SA9607P Datasheet
127Kb / 12P
Programmable Single Phase Energy Metering IC with Tamper Detection
logo
List of Unclassifed Man...
STPM01 ETC-STPM01 Datasheet
137Kb / 9P
PROGRAMMABLE SINGLE PHASE ENERGY METERING IC WITH TAMPER DETECTION
logo
ATMEL Corporation
AVR465 ATMEL-AVR465 Datasheet
305Kb / 40P
Single-Phase Power/Energy Meter with Tamper Detection
logo
STMicroelectronics
STPM01 STMICROELECTRONICS-STPM01 Datasheet
775Kb / 56P
Programmable single phase energy metering IC
24-Oct-2006
STPM10 STMICROELECTRONICS-STPM10 Datasheet
1Mb / 51P
Programmable single-phase energy metering IC with tamper detection
09-Jun-2011
AN2288 STMICROELECTRONICS-AN2288 Datasheet
247Kb / 29P
Single-phase energy meter with tamper detection based on ST7FLITE2x
23-May-2006
STPM10 STMICROELECTRONICS-STPM10_V01 Datasheet
1Mb / 47P
Programmable single-phase energy metering IC with tamper detection
February 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com