Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STPMC1 Datasheet(PDF) 15 Page - STMicroelectronics

Part # STPMC1
Description  Programmable poly-phase energy calculator IC
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPMC1 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STPMC1 Datasheet HTML 11Page - STMicroelectronics STPMC1 Datasheet HTML 12Page - STMicroelectronics STPMC1 Datasheet HTML 13Page - STMicroelectronics STPMC1 Datasheet HTML 14Page - STMicroelectronics STPMC1 Datasheet HTML 15Page - STMicroelectronics STPMC1 Datasheet HTML 16Page - STMicroelectronics STPMC1 Datasheet HTML 17Page - STMicroelectronics STPMC1 Datasheet HTML 18Page - STMicroelectronics STPMC1 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 77 page
background image
STPMC1
Terminology
Doc ID 15728 Rev 6
15/77
7
Terminology
7.1
Measurement error
The error associated with the energy measured by the STPMC1 is defined as:
7.2
Conventions
The lowest analog and digital power supply voltage is called VSS which represents the
system ground (GND). All voltage specifications for digital input/output pins are referred to
GND.
Positive currents flow into a pin. “Sinking current” is the current flowing into the pin, and so it
is positive. “Sourcing current” is the current flowing out of the pin, and so it is negative.
Signal timing specifications treated by a digital control part are relative to XTAL1. This signal
is provided from the crystal oscillator or from an external source as specified in paragraph
9.4.
Signal timing specifications of the SPI interface are relative to the SCLNLC. There is no
direct relationship between the clock (SCLNLC) of the SPI interface and the clock of the
DSP block (XTAL1).
A positive logic convention is used in all equations.
Energy
True
Energy
True
)
reading
(
1
SPMC
Error
Percentage
−
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com